Electronic Components Datasheet Search
  English  ▼

X  

TLE4729G Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4729G Datasheet HTML 19Page - Infineon Technologies AG TLE4729G Datasheet HTML 20Page - Infineon Technologies AG TLE4729G Datasheet HTML 21Page - Infineon Technologies AG TLE4729G Datasheet HTML 22Page - Infineon Technologies AG TLE4729G Datasheet HTML 23Page - Infineon Technologies AG TLE4729G Datasheet HTML 24Page - Infineon Technologies AG TLE4729G Datasheet HTML 25Page - Infineon Technologies AG TLE4729G Datasheet HTML 26Page - Infineon Technologies AG TLE4729G Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
TLE 4729 G
Data Sheet
25
2001-04-09
Application Hints (cont’d)
Optimizing Noise Immunity
Unused inputs should always be wired to proper voltage levels in order to obtain highest
possible noise immunity.
To prevent crossconduction of the output stages the TLE 4729 G uses a special break
before make timing of the power transistors. This timing circuit can be triggered by short
glitches (some hundred nanoseconds) at the phase inputs causing the output stage to
become high resistive during some microseconds. This will lead to a fast current decay
during that time. To achieve maximum current accuracy such glitches at the phase
inputs should be avoided by proper control signals.
To lower EMI a ceramic capacitor of max. 3 nF is advisable from each output to GND.
Thermal Shut Down
To protect the circuit against thermal destruction, thermal shut down has been
implemented.
Error Monitoring
The error outputs signal corresponding to the logic table the errors described below.
Over-Temperature is implemented as pre-alarm; it appears approximately 20 K before
thermal shut down. To detect an open load, the recirculation of the inductive load is
watched. If there is no recirculation after a phase change-over, an internal error flipflop
is set. Because in most kinds of short circuits there won’t flow any current through the
motor, there will be no recirculation after a phase change-over, and the error flipflop for
open load will be set, too. Additionally an open load error is signaled after a phase
change-over during hold mode.
Logic Table
Kind of Error
Error Output
Error 1
Error 2
a) No error
H
H
b) Short circuit to GND
H
L
c) Open load1)
1) Also possible: short circuit to + V
S or short circuit of the load.
LH
d) b) and c) simultaneously
H
L
e) Temperature prealarm
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com