Electronic Components Datasheet Search
  English  ▼

X  

HNPCC Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HNPCC
Description  HNPCC MASTR Plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HNPCC Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HNPCC Datasheet HTML 1Page - Agilent(Hewlett-Packard) HNPCC Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.agilent.com
Not for EU
genomics@agilent.com
For Research Use Only. Not for use in diagnostic procedures.
This information is subject to change without notice.
PR7000-0724
© Agilent Technologies, Inc. 2017
Published in the USA, September, 2017
5991-8363ENUC
Ordering Information
Cat. No.
Product Name
Reactions
MR-0031.024
HNPCC MASTR Plus
5
• MID (Molecular Identifiers) kits are necessary to complete the workflow
*3’ UTR of EPCAM only
Performance cont.
Graph presenting the read pair counts for all HNPCC MASTR Plus
amplicons, showing their outstanding uniform representation. To allow
comparison between samples, the read pair counts were normalized to
coverage of 100. The data are based on a 10 samples study, using the
Illumina MiSeq System.
0%
2%
4%
6%
8%
10%
12%
14%
16%
20%
18%
Read pair counts
MASTR Plus Workflow
Plan run
Multiplex PCR Quality Control
Universal PCR Quality Control
Multiplex PCR
Dilution
Universal PCR
Equimolar pooling
Mixing plexes of
single sample
Purification
Purification
Mixing Clean up
Pooling
Clean up
SEQUENCING
DATA ANALYSIS
NGS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com