Electronic Components Datasheet Search
  English  ▼

X  

PE45370 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45370
Description  SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45370 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45370 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45370 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45370 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45370 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45370 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Jack Connector
• 50 Ohms
• Straight Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-
SR405TN, RG405 Interface Type
• Clamp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.38:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45370 SSMC jack bulkhead connector with clamp/solder attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN and RG405 is part of our full line of RF components available for same-day shipping. Our SSMC
jack connector operates up to a maximum frequency of 12.4 GHz and offers good VSWR of 1.38:1. This SSMC bulkhead
connector allows designers to create external connections on their product enclosures, and can be used in a variety of other
rack mount and panel mount applications.
Our SSMC jack bulkhead connector PE45370 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.38:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Bulkhead Mount Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR-
405FL, PE-SR405FLJ, PE-SR405TN, RG405 PE45370
PE45370 REV 1.0
SSMC Jack Bulkhead Mount Connector Clamp/
Solder Attachment for PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, PE-SR405TN, RG405
RF Connectors Technical Data Sheet
PE45370


Similar Part No. - PE45370

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
PE45373 PASTERNACK-PE45373 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316, RG188
More results

Similar Description - PE45370

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45311 PASTERNACK-PE45311 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN
PE45323 PASTERNACK-PE45323 Datasheet
391Kb / 4P
BMA Jack Bulkhead Mount Slide-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45384 PASTERNACK-PE45384 Datasheet
366Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45387 PASTERNACK-PE45387 Datasheet
458Kb / 5P
SSMC Jack Right Angle Connector Crimp/Solder Attachment for PE-SR405AL, PE-SR405FL, PESR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com