Electronic Components Datasheet Search
  English  ▼

X  

PE45372 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45372
Description  SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45372 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45372 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45372 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45372 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45372 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45372 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Jack Connector
• 50 Ohms
• Straight Body Geometry
• RG-178, RG-196 Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.44:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45372 SSMC jack bulkhead connector with crimp/solder attachment for RG-178 and RG-196 is part of our full
line of RF components available for same-day shipping. Our SSMC jack connector operates up to a maximum frequency of
12.4 GHz and offers good VSWR of 1.44:1. This SSMC bulkhead connector allows designers to create external connections
on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SSMC jack bulkhead connector PE45372 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.44:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: SSMC Jack Bulkhead Mount Connector Crimp/Solder Attachment for RG-178,
RG-196 PE45372
PE45372 REV 1.0
SSMC Jack Bulkhead Mount Connector Crimp/
Solder Attachment for RG-178, RG-196
RF Connectors Technical Data Sheet
PE45372


Similar Part No. - PE45372

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45373 PASTERNACK-PE45373 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316, RG188
More results

Similar Description - PE45372

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73216-2380 MOLEX11-73216-2380 Datasheet
40Kb / 1P
50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
73415-2362 MOLEX11-73415-2362 Datasheet
33Kb / 1P
50 Ohms, MMCX Right-Angle Jack, Crimp, RG-178 and RF-196 Cable
73415-6280 MOLEX11-73415-6280 Datasheet
37Kb / 1P
50 Ohms, MMCX Jack, Bulkhead Mount, RG-178 Cable
0734152361 MOLEX11-0734152361 Datasheet
29Kb / 1P
50 Ohms, MMCX Right-Angle Jack, Crimp, RG-178 and RF-196 Cable
0734156280 MOLEX11-0734156280 Datasheet
33Kb / 1P
50 Ohms, MMCX Jack, Bulkhead Mount, RG-178 Cable
0732162380 MOLEX11-0732162380 Datasheet
36Kb / 1P
50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
logo
Pasternack Enterprises,...
PE45375 PASTERNACK-PE45375 Datasheet
437Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45386 PASTERNACK-PE45386 Datasheet
470Kb / 5P
SSMC Jack Right Angle Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
logo
Molex Electronics Ltd.
0732162380 MOLEX-0732162380_V01 Datasheet
53Kb / 1P
50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-178
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com