Electronic Components Datasheet Search
  English  ▼

X  

PE45374 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45374
Description  SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45374 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45374 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45374 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45374 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45374 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45374 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Jack Connector
• 50 Ohms
• Straight Body Geometry
• RG316-DS, RG188-DS Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.49:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45374 SSMC jack connector with crimp/solder attachment for RG316-DS and RG188-DS is part of our full
line of RF components available for same-day shipping. Our SSMC jack connector operates up to a maximum frequency of
12.4 GHz and offers good VSWR of 1.49:1.
Our SSMC jack connector PE45374 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.49:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS PE45374
PE45374 REV 1.0
SSMC Jack Connector Crimp/Solder
Attachment for RG316-DS, RG188-DS
RF Connectors Technical Data Sheet
PE45374


Similar Part No. - PE45374

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
More results

Similar Description - PE45374

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4885 PASTERNACK-PE4885 Datasheet
85Kb / 1P
MCX JACK CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44852 PASTERNACK-PE44852 Datasheet
246Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG316-DS, RG188-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45156 PASTERNACK-PE45156 Datasheet
354Kb / 3P
SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45176 PASTERNACK-PE45176 Datasheet
395Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment for RG188-DS, RG316-DS, Black Color
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com