Electronic Components Datasheet Search
  English  ▼

X  

PE45375 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45375
Description  SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45375 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45375 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45375 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45375 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45375 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Jack Connector
• 50 Ohms
• Straight Body Geometry
• Turret Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-PRF-39012
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45375 SSMC jack bulkhead connector with solder attachment turret terminal is part of our full line of RF
components available for same-day shipping. Our SSMC jack connector operates up to a maximum frequency of 12.4 GHz.
This SSMC bulkhead connector allows designers to create external connections on their product enclosures, and can be used
in a variety of other rack mount and panel mount applications.
Our SSMC jack bulkhead connector PE45375 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal PE45375
PE45375 REV 1.0
SSMC Jack Bulkhead Mount Connector
Solder Attachment Turret Terminal
RF Connectors Technical Data Sheet
PE45375


Similar Part No. - PE45375

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
More results

Similar Description - PE45375

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4333 PASTERNACK-PE4333 Datasheet
300Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4338 PASTERNACK-PE4338 Datasheet
855Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE45378 PASTERNACK-PE45378 Datasheet
357Kb / 4P
SSMC Jack Right Angle Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45389 PASTERNACK-PE45389 Datasheet
448Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Turret PCB
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com