Electronic Components Datasheet Search
  English  ▼

X  

PE45376 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45376
Description  SSMC Jack Connector Solder Attachment Surface Mount PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45376 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45376 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45376 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45376 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45376 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Jack Connector
• Straight Body Geometry
• Surface Mount Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Space Saving for PCB Applications
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45376 SSMC jack connector with solder attachment for surface mount PCB is part of our full line of RF
components available for same-day shipping. Our SSMC jack connector operates up to a maximum frequency of 12.4 GHz.
Our SSMC jack connector PE45376 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Connector Solder Attachment Surface Mount PCB PE45376
PE45376 REV 1.0
SSMC Jack Connector Solder Attachment Surface Mount PCB
RF Connectors Technical Data Sheet
PE45376


Similar Part No. - PE45376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
More results

Similar Description - PE45376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE44121 PASTERNACK-PE44121 Datasheet
242Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44594 PASTERNACK-PE44594 Datasheet
345Kb / 3P
UMCX Jack Connector Solder Attachment Surface Mount PCB
PE45375 PASTERNACK-PE45375 Datasheet
437Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45377 PASTERNACK-PE45377 Datasheet
364Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE45389 PASTERNACK-PE45389 Datasheet
448Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Turret PCB
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com