Electronic Components Datasheet Search
  English  ▼

X  

PE45377 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45377
Description  SSMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45377 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45377 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45377 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45377 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45377 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Jack Connector
• Right Angle Body Geometry
• Surface Mount Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Space Saving for PCB Applications
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45377 SSMC jack right angle connector with solder attachment for surface mount PCB is part of our full line
of RF components available for same-day shipping. Our SSMC jack connector operates up to a maximum frequency of 12.4
GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our SSMC jack right angle connector PE45377 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Right Angle Connector Solder Attachment Surface Mount PCB PE45377
PE45377 REV 1.0
SSMC Jack Right Angle Connector Solder
Attachment Surface Mount PCB
RF Connectors Technical Data Sheet
PE45377


Similar Part No. - PE45377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
More results

Similar Description - PE45377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE44121 PASTERNACK-PE44121 Datasheet
242Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE45376 PASTERNACK-PE45376 Datasheet
361Kb / 4P
SSMC Jack Connector Solder Attachment Surface Mount PCB
PE45378 PASTERNACK-PE45378 Datasheet
357Kb / 4P
SSMC Jack Right Angle Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45379 PASTERNACK-PE45379 Datasheet
433Kb / 4P
SSMC Plug Right Angle Connector Solder Attachment Thru Hole PCB
PE45389 PASTERNACK-PE45389 Datasheet
448Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Turret PCB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com