Electronic Components Datasheet Search
  English  ▼

X  

PE45378 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45378
Description  SSMC Jack Right Angle Bulkhead Mount Connector Solder Attachment Turret Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45378 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45378 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45378 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45378 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45378 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
0.384 in [9.75 mm]
Width/Dia.
0.156 in [3.96 mm]
Height
0.48 in [12.19 mm]
.
.
Mating Cycles
500 Cycles
Mating Torque
1.75 to 2 in-lbs [0.20 to 0.23 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-PRF-39012
Insulation
Teflon
Outer Conductor
Beryllium Copper
Gold
MIL-PRF-39012
Body
Brass
Gold
MIL-PRF-39012
Washer
Brass
Gold
MIL-PRF-39012
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Shock
Method 213, Condition B, 75G @6ms @1/2 sine
Vibration
Method 204, Condition D (20G)
Salt Spray
Method 101, Condition B, 5% salt solution
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE45378 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SSMC Jack Right Angle Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45378
RF Connectors Technical Data Sheet
PE45378
SSMC Jack Right Angle Bulkhead Mount Connector
Solder Attachment Turret Terminal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com