Electronic Components Datasheet Search
  English  ▼

X  

PE45379 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45379
Description  SSMC Plug Right Angle Connector Solder Attachment Thru Hole PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45379 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45379 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45379 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45379 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45379 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-PRF-39012
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Space Saving for PCB Applications
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45379 SSMC plug right angle connector with solder attachment for thru hole PCB is part of our full line of RF
components available for same-day shipping. Our SSMC plug connector operates up to a maximum frequency of 12.4 GHz.
Its right angle body geometry allows for easier connections in tight spaces.
Our SSMC plug right angle connector PE45379 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Solder Attachment Thru Hole PCB PE45379
PE45379 REV 1.0
SSMC Plug Right Angle Connector Solder
Attachment Thru Hole PCB
RF Connectors Technical Data Sheet
PE45379


Similar Part No. - PE45379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE4537 PASTERNACK-PE4537 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
More results

Similar Description - PE45379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44651B PASTERNACK-PE44651B Datasheet
290Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44651A PASTERNACK-PE44651A Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44651C PASTERNACK-PE44651C Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44651D PASTERNACK-PE44651D Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44651H PASTERNACK-PE44651H Datasheet
223Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44651I PASTERNACK-PE44651I Datasheet
290Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
PE44651K PASTERNACK-PE44651K Datasheet
291Kb / 3P
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
PE4246 PASTERNACK-PE4246 Datasheet
316Kb / 3P
SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch
PE45355 PASTERNACK-PE45355 Datasheet
356Kb / 3P
BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com