Electronic Components Datasheet Search
  English  ▼

X  

PE45383 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45383
Description  SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45383 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45383 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45383 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45383 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45383 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45383 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• Right Angle Body Geometry
• RG316-DS, RG188-DS Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.62:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45383 SSMC plug right angle connector with crimp/solder attachment for RG316-DS and RG188-DS is part
of our full line of RF components available for same-day shipping. Our SSMC plug connector operates up to a maximum
frequency of 12.4 GHz and offers good VSWR of 1.62:1. Its right angle body geometry allows for easier connections in tight
spaces.
Our SSMC plug right angle connector PE45383 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.62:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PE45383
PE45383 REV 1.0
SSMC Plug Right Angle Connector Crimp/Solder
Attachment for RG316-DS, RG188-DS
RF Connectors Technical Data Sheet
PE45383


Similar Part No. - PE45383

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE45380 PASTERNACK-PE45380 Datasheet
344Kb / 4P
SSMC Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45384 PASTERNACK-PE45384 Datasheet
366Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results

Similar Description - PE45383

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4879 PASTERNACK-PE4879 Datasheet
94Kb / 1P
MCX PLUG RIGHT ANGLE CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44818 PASTERNACK-PE44818 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44876 PASTERNACK-PE44876 Datasheet
241Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45168 PASTERNACK-PE45168 Datasheet
369Kb / 3P
MC-Card Plug Right Angle Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45374 PASTERNACK-PE45374 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com