Electronic Components Datasheet Search
  English  ▼

X  

JTOS-150 Datasheet(PDF) 2 Page - Mini-Circuits

Part # JTOS-150
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JTOS-150 Datasheet(HTML) 2 Page - Mini-Circuits

  JTOS-150 Datasheet HTML 1Page - Mini-Circuits JTOS-150 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
TUNE
HARMONICS (dBc)
FREQ. PUSHING
(MHz/V)
F2
F3
F4
V
TUNE
TUNING
SENS.
(MHz/V)
FREQUENCY (MHz)
POWER OUTPUT (dBm)
-55°C
+25°C
+85°C
-55°C
+25°C
+85°C
Performance Data & Curves
JTOS-150
Frequency and Tuning Sensitivity (at +25°C)
20
50
80
110
140
170
200
1
4
7
10
13
16
Tuning Voltage (V)
5
6
7
8
9
10
11
-55°C
+25°C
+85°C
T SENS.
JTOS-150
Harmonics Level
-60
-50
-40
-30
-20
-10
0
1
4
7
10
13
16
Tuning Voltage (V)
F2
F3
F4
JTOS-150
Power Output
7
8
9
10
11
12
1
4
7
10
13
16
Tuning Voltage (V)
-55°C
+25°C
+85°C
JTOS-150
Frequency Pushing
(Supply Voltage 12V)
0.0
0.1
0.2
0.3
0.4
0.5
1
4
7
10
13
16
Tuning Voltage (V)
1.00
6.10
66.63
65.35
64.63
7.98
8.60
8.37
2.00
6.30
72.93
71.66
71.18
8.26
8.97
8.73
3.00
6.50
79.40
78.21
77.65
8.53
9.28
9.03
4.00
6.00
85.40
84.28
83.65
8.69
9.48
9.25
5.00
6.00
91.36
90.28
89.62
8.79
9.60
9.37
6.00
6.10
97.45
96.38
95.70
8.82
9.67
9.47
7.00
6.20
103.66
102.60 101.92
8.81
9.70
9.50
8.00
6.30
110.00
108.93 108.25
8.75
9.69
9.49
9.00
6.30
116.31
115.30 114.62
8.67
9.67
9.46
10.00
6.30
122.58
121.62 120.93
8.60
9.63
9.41
11.00
6.10
128.71
127.81 127.16
8.50
9.56
9.33
12.00
6.20
134.91
134.06 133.41
8.44
9.49
9.24
13.00
6.10
141.03
140.28 139.66
8.32
9.38
9.11
14.00
6.30
147.35
146.58 146.00
8.19
9.24
8.99
15.00
6.40
153.73
153.01 152.43
8.02
9.04
8.80
16.00
6.50
160.21
159.51 158.95
7.84
8.84
8.63
1.00
-28.40
-35.80
-50.80
-0.04
2.00
-26.70
-37.20
-53.50
0.37
3.00
-27.10
-37.80
-53.90
0.23
4.00
-26.90
-38.20
-54.90
0.17
5.00
-27.20
-38.40
-55.50
0.16
6.00
-27.40
-38.60
-55.90
0.17
7.00
-27.80
-38.80
-56.70
0.21
8.00
-27.50
-38.80
-56.50
0.25
9.00
-27.20
-38.70
-56.50
0.27
10.00
-26.50
-38.90
-54.70
0.30
11.00
-25.90
-38.90
-54.80
0.28
12.00
-25.10
-38.50
-53.40
0.25
13.00
-24.90
-38.80
-53.30
0.24
14.00
-24.20
-38.70
-52.70
0.26
15.00
-24.00
-39.00
-53.20
0.29
16.00
-23.80
-39.00
-54.10
0.38
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
JTOS-150+
JTOS-150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com