Electronic Components Datasheet Search
  English  ▼

X  

JTOS-3000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # JTOS-3000
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JTOS-3000 Datasheet(HTML) 1 Page - Mini-Circuits

  JTOS-3000 Datasheet HTML 1Page - Mini-Circuits JTOS-3000 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
JTOS-3000+
Electrical Specifications
REV. L
M162802
JTOS-3000+
EDR-10367/1ME
MM/TD/CP/AM
170709
Page 1 of 2
Voltage Controlled Oscillator
Wide Band
2300 to 3000 MHz
Features
• wide frequency range, 2300 to 3000 MHz
• low phase noise, -130 dBc/Hz at 1 MHz offset, typ.
• aqueous washable
Applications
• measurement instrumentation
• ISM
• wireless
• satellite systems
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+6.5V
Absolute Max. Tuning Voltage (Vtune)
+15V
RF OUT
13
VCC
2
V-TUNE
5
GROUND
1,3,4,6,7,8,9,10,11,12,14
Pin Connections
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
all specifications: 50 ohm system
Permanent damage may occur if any of these limits are exceeded.
A
B
C
D
E
FG
H
J
K
L
wt
.505
.800
--
.100
.250
.100
.100
.047
.065
.065
.525 grams
12.83
20.32
--
2.54
6.35
2.54
2.54
1.19
1.65
1.65
13.34
3.0
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: BK377
MODEL
FREQ.
POWER
PHASE NOISE
TUNING
NON
HARMONICS PULLING PUSHING
DC
NO.
(MHz)
OUTPUT dBc/Hz SSB at offset
HARMONIC
(dBc)
pk-pk
(MHz/V)
OPERATING
(dBm)
frequencies,kHz
VOLTAGE SENSI- PORT
3 dB
SPURIOUS
@12 dBr
POWER
RANGE TIVITY CAP MODULATION
(dBc)
(MHz)
Typ.
(V)
(MHz/V) (pF) BANDWIDTH
Vcc Current
(MHz)
(volts) (mA)
Min. Max.
Typ.
1
10 100 1000 Min. Max. Typ.
Typ.
Typ.
Typ.
Typ. Max.
Typ.
Typ.
Max.
JTOS-3000+
2300 3000
+10
-60 -86 -109 -130
0.5
12 45-160
23
55
-90
-26
-12
20
16
5
28
Demo Board MCL P/N: TB-04
Suggested PCB Layout (PL-005)


Similar Part No. - JTOS-3000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
Voltage Controlled Oscillator
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
Surface Mount Voltage Controlled Oscillator
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
Voltage Controlled Oscillator
JTOS-300P+ MINI-JTOS-300P+ Datasheet
207Kb / 2P
Surface Mount Voltage Controlled Oscillator
JTOS-300P+ MINI-JTOS-300P+ Datasheet
207Kb / 2P
Voltage Controlled Oscillator
More results

Similar Description - JTOS-3000

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com