Electronic Components Datasheet Search
  English  ▼

X  

2N5415 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5415
Description  PNP LOW POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5415 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5415 Datasheet HTML 1Page - Microsemi Corporation 2N5415 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5415, 2N5416 JAN, SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
hFE
30
15
120
Collector-Emitter Saturation Voltage
IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
2.0
Vdc
Base-Emitter Voltage
IC = 50 mAdc, VCE = 10 Vdc
VBE
1.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit
Forward
Current Transfer Ratio
IC = 10 mAdc, VCE = 10 Vdc, f = 5.0 MHz
h
fe
3.0
15
Forward Current Transfer Ratio
IC = 5.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
hfe
25
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
15
pF
Input Capacitance
VEB = 5.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
75
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC =200 Vdc, IC = 50 mAdc, IB1= 5.0 mAdc
ton
1.0
µs
Turn-Off Time
VCC = 200 Vdc, IC = 50 mAdc, IB1 = IB2 = 5.0 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C; 1 Cycle; t = 0.4 s
Test 1
VCE = 10 Vdc, IC = 1.0 Adc
Test 2
VCE = 100 Vdc, IC = 100 mAdc
Test 3
VCE = 200 Vdc, IC = 24 mAdc
2N5415
Test 4
VCE = 300 Vdc, IC = 10 mAdc
2N5416
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com