Electronic Components Datasheet Search
  English  ▼

X  

PR2230 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR2230
Description  LED heat sink specifically designed to optimize heat dissipation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2230 Datasheet(HTML) 2 Page - Lumins Inc.

  PR2230 Datasheet HTML 1Page - Lumins Inc. PR2230 Datasheet HTML 2Page - Lumins Inc. PR2230 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
PR2228/PR2230 SERIES
PRISMA 22” - LED
D22F Frosted prismatic bottom conical lens1
BC22 Aluminum lower diffuser band, same color as luminaire (PR2228 only)
L22
Clear acrylic flat bottom lens
GL22 Zinc plated concentric ring guard1
RP8 Inner reflector specular aluminum. Exterior same color as
luminaire (PR2230 only)
DAMP Damp location enclosure
ACCESSORIES
OPTIONS (refer to page 3 for details)
TYPICAL PHOTOMETRY SUMMARY
PR2228-L1W120
Descriptive Information
Total Lms: 11687 Lumens
Input watts at 120V: 127 W
S/MH = 1.43
Source: LED
CCT: 4000K
Maximum Candela: 4414
500
30º
60º
2500
4500
LUMINAIRE SELECTION
MODEL#
FINISH
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
VOLTAGE
PR2230
PR2228
FINISH
LED LIGHT SELECTION
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W85
86W
9174
(80 CRI)
L1W120
127W
11687
L1W140
143W
12368
5000K
L1W85
86W
10406
(80 CRI)
L1W120
127W
13894
L1W140
138W
14432
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W85
86W
8996
(80 CRI)
L1W120
127W
11481
L1W140
143W
11808
5000K
L1W85
86W
9602
(80 CRI)
L1W120
127W
13702
L1W140
144W
13594
120V
277V
Optional
347V
MOUNTING
CAT2 Catenary suspension attachment
STC Safety cable
STM Longer hang straight stem. Please add length with option suffix.
SPG Silver braided power cord with adjustable suspension cable.
36” in length (other lengths on request.)
TA
3/4” NPT conduit adaptor
HK
Male hook with 0.43” opening supplied with 5/18 black power
cord 36” lg.
ELECTRICAL
347L
347V (please consult factory)
FS
Fuse
CCT Options - 4000K or 5000K supplied as standard (Apply multiplier to
listed values for lumens output reference)
K27
2700K CCT 80 CRI (Multiplier 0.91)
K3
3000K CCT 80 CRI (Multiplier 0.94)
K35
3500K CCT 80 CRI (Multiplier 0.98)
NOTE: Other CCT & higher CRI available, please consult factory.
REML-50 Remote battery backup for LED, 90 min., 23W Remote
mount to 50ft - 12” Square enclosure with access cover.
EMLC
Integral battery backup for LED, 90 min., 23W Integral to
luminaire within oversized ceiling canopy.
EMERGENCY
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
NOTES
1- D22F can not be ordered in conjunction with GL22.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com