Electronic Components Datasheet Search
  English  ▼

X  

PE45396 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45396
Description  SMC Plug Connector Crimp/Solder Attachment for RG55, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45396 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45396 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45396 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45396 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Plug Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG55, RG142, RG223, RG400 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45396 SMC plug connector with crimp/solder attachment for RG55, RG142, RG223 and RG400 is part of our
full line of RF components available for same-day shipping.
Our SMC plug connector PE45396 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.19 in [30.23 mm]
Width/Dia.
0.25 in [6.35 mm]
.
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
Coupling Nut
Brass
Nickel
QQ-N-290
Crimp Sleeve
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Crimp/Solder Attachment for RG55, RG142, RG223, RG400 PE45396
PE45396 REV 1.0
SMC Plug Connector Crimp/Solder Attachment
for RG55, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE45396


Similar Part No. - PE45396

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4539 PASTERNACK-PE4539 Datasheet
280Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .375 inch x .500 inch Hole Spacing
PE4539 PASTERNACK-PE4539 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45391 PASTERNACK-PE45391 Datasheet
342Kb / 4P
SSMC Jack Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4539 PASTERNACK-PE4539_13 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
More results

Similar Description - PE45396

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4593 PASTERNACK-PE4593 Datasheet
111Kb / 1P
SMB PLUG CRIMP ATTACHMENT FOR RG55, RG142 RG223 & RG400
PE4497 PASTERNACK-PE4497 Datasheet
112Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4594 PASTERNACK-PE4594 Datasheet
110Kb / 1P
SMC PLUG CRIMP ATTACHMENT FOR RG55, RG142, RG223 & RG400
PE4596 PASTERNACK-PE4596 Datasheet
116Kb / 1P
SMC PLUG RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG142 RG223 & RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44047 PASTERNACK-PE44047 Datasheet
223Kb / 3P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44296 PASTERNACK-PE44296 Datasheet
86Kb / 1P
FME PLUG, CRIMP ATTACHMENT FOR RG55, RG142, RG223 & RG400
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com