Electronic Components Datasheet Search
  English  ▼

X  

PE51118 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51118
Description  High Performance Vertical Omni
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51118 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51118 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51118
High Performance
Vertical Omni
Antenna
1700-2500 MHz,
2.0dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
•
Broad Band Coverage (38%)
•
Dipole Design
•
1700-2500 MHz
•
50W power handling
•
2dBi Omni Radiation Pattern
•
Rugged Construction Low Glare Black Fiberglass
Radome
•
Heavy Duty Spring Base
Specifications (1)
Parameter
Value
Units
Description
Impedance
50
Ohms
Minimum
Frequency
1700
MHz
Maximum
Frequency
2500
MHz
Maximum VSWR
<2:1
ratio
Between Min and Max
Freq
Gain
2
dBi
Max Gain
Max Input Pwr
50
Watts
Watts(Max)
Polarization
Vertical
Horizontal
Beamwidth
360
Degrees
Vertical
Beamwidth
70
Degrees
Connector Type
TNC(m)
TNC-Male
Length
9.75
Inches
+-0.125”
Diameter
.812
Inches
Weight
3.6
oz.
Maximum Wind
Velocity
100
Km/Hr
Ordering Information
Part Number
Description
PE51118
1700-2500 MHz 2dBi Gain Omni Antenna with TNC-male Connector and Spring Base


Similar Part No. - PE51118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
PE51113 PASTERNACK-PE51113 Datasheet
65Kb / 1P
Dual Band Mag Mount Antenna 880-965 & 1710-2170 MHz 3.0 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
More results

Similar Description - PE51118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51119 PASTERNACK-PE51119 Datasheet
293Kb / 1P
High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51120 PASTERNACK-PE51120 Datasheet
86Kb / 1P
High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51126 PASTERNACK-PE51126 Datasheet
66Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 3.8dBi
PE51127 PASTERNACK-PE51127 Datasheet
126Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6.0dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com