Electronic Components Datasheet Search
  English  ▼

X  

PE51136 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51136
Description  PE51136 Low Profile Vertical
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51136 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51136 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51136
Low Profile Vertical
Antenna
2400-2500 MHz
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
•
Wideband Vertical Antenna
•
2400-2500 MHz
•
150W power handling
•
3 dBi Gain
Specifications (1)
Parameter
Value
Units
Description
Minimum
Frequency
2400
MHz
Maximum
Frequency
2500
MHz
Gain
3
dBi
Max Gain
Polarization
Vert
Vertical Polarization
Max Input Pwr
150
W
Watts(Max)
Length
86.36
mm
3.4 Inches
Diameter
38.10
mm
1.5 Inches
Whip Material
Plastic Radome
Color
Black/Chrome
Mount Type
Order NMO
Mount Separately
Ordering Information
Part Number
Description
PE51136
Low Profile Vertical Antenna, 2400-2500 MHz, Black/chrome, NMO Mount Type


Similar Part No. - PE51136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
More results

Similar Description - PE51136

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBQ ALPS-SRBQ Datasheet
190Kb / 4P
9-position Low-profile Vertical Type
SRBV ALPS-SRBV Datasheet
191Kb / 5P
8-position Low-profile Vertical Type
logo
Tyco Electronics
1-1761681-7 MACOM-1-1761681-7 Datasheet
128Kb / 1P
HEADER ASSEMBLY, VERTICAL, LOW PROFILE, IDC
logo
Major League Electronic...
LSSHSM-2-DV MAJOR-LEAGUE-LSSHSM-2-DV Datasheet
76Kb / 1P
Low Profile Socket Strips - Vertical
logo
Pulse A Technitrol Comp...
PE92109KNL PULSE-PE92109KNL Datasheet
100Kb / 2P
Toroid - Vertical, Low Profile and KlipMount?
logo
FCI connector
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
LOW PROFILE VERTICAL CARD CONNECTOR
logo
Tyco Electronics
1761603 MACOM-1761603 Datasheet
177Kb / 1P
HEADER ASSEMBLY, VERTICAL, LOW PROFILE, IDC
logo
ALPS ELECTRIC CO.,LTD.
SRBQ ALPS-SRBQ_15 Datasheet
952Kb / 4P
9-position Low-profile Vertical Type
SRBV ALPS-SRBV_15 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
logo
Kycon, Inc.
KUSBVLPX KYCON-KUSBVLPX Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com