Electronic Components Datasheet Search
  English  ▼

X  

PE51168 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE51168
Description  Low PIM Multi Band Dome Antenna Operates From 698 MHz to 5.9 GHz With a Typical 6 dBi Gain N Female Input Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51168 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE51168 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51168 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51168 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE51168 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE51168 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
3
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Vertical 698-960 MHz
700
830
960
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Vertical 1710-2170 MHz
1710
1940
2170
-30
-25
-20
-15
-10
-5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Vertical 2300-2700 MHz
2300
2500
2700
-30
-25
-20
-15
-10
-5
0
5
10
0
30
60
90
120
150
180
210
240
270
300
330
Vertical 4900-5900 MHz
4900
5400
5900
PE51168
PE51168 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Multi Band Dome Antenna Operates From 698 MHz to 5.9 GHz With a Typical 6 dBi
Gain N Female Input Connector PE51168
Low PIM Multi Band Dome Antenna Operates From 698 MHz to
5.9 GHz With a Typical 6 dBi Gain N Female Input Connector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com