Electronic Components Datasheet Search
  English  ▼

X  

PE51173 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51173
Description  Antenna Operates From 1.7 GHz to 2.5 GHz with a Maximum 2 dBi Gain TNC Male Input Connector Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51173 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51173 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51173 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51173 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
1
Configuration
Design
Portable
Frequency Range
1.7 to 2.5 GHz
Polarization
Vertical
Interface 1
TNC Male
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Impedance
50
Ohms
Gain
2
dBi
Horizontal Half Power Beam Width
70
Degrees
Vertical Half Power Beam Width
360
Degrees
Input Power
50
Watts
Input VSWR
2:1
.
Mechanical Specifications
Radome Material
Fiberglass
Size
Length
10 in [254 mm]
Width
0.812 in [20.62 mm]
.
Weight
0.264 lbs [119.75 g]
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
2 Dimensional OML Drawing
PE51173
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Antenna Operates From 1.7 GHz to 2.5 GHz with a Maximum 2 dBi Gain TNC Male Input
Connector Rated PE51173
PE51173
PE51173 REV 1.2
Antenna Operates From 1.7 GHz to 2.5 GHz with a
Maximum 2 dBi Gain TNC Male Input Connector Rated


Similar Part No. - PE51173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51170 PASTERNACK-PE51170 Datasheet
343Kb / 3P
Mobile Antenna Operates From 440 MHz to 480 MHz With a Typical 4.5 dBi Gain NMO Mount Input Connector Rated
PE51172 PASTERNACK-PE51172 Datasheet
348Kb / 3P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Typical 8 dBi Gain N Female Input Connector IP67 Rated
More results

Similar Description - PE51173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51150 PASTERNACK-PE51150 Datasheet
330Kb / 3P
Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain MD Male Input Connector IP67 Rated
PE51151 PASTERNACK-PE51151 Datasheet
330Kb / 3P
Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain MD Male Input Connector IP67 Rated
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE51066-1 PASTERNACK-PE51066-1 Datasheet
341Kb / 3P
GPS Passive Antenna Operates From 1.5724 GHz to 1.5784 GHz With a Typical 3 dBi Gain SMA Female Input Connector on 16 ft. of RG174 Rated
PE51066-2 PASTERNACK-PE51066-2 Datasheet
339Kb / 3P
GPS Passive Antenna Operates From 1.5724 GHz to 1.5784 GHz With a Typical 0 dBi Gain SMA Male Input Connector on 16 ft. of RG174
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
PE51125A PASTERNACK-PE51125A Datasheet
329Kb / 3P
Antenna Operates From 5.25 GHz to 5.85 GHz with a Maximum 3.8 dBi Gain N Male Input Connector Rated
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
PE51158 PASTERNACK-PE51158 Datasheet
344Kb / 2P
Dome Multi Band Antenna Operates From 698 MHz to 2.7 GHz With a Maximum 5 dBi Gain N Female Input Connector
PE51172 PASTERNACK-PE51172 Datasheet
348Kb / 3P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Typical 8 dBi Gain N Female Input Connector IP67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com