Electronic Components Datasheet Search
  English  ▼

X  

PE91105 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91105
Description  Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91105 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91105 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91105 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91105 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91105 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• BNC Triax Female Connector 1
• BNC Triax Female Connector 2
• Non-Constant Impedance
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Isolated Ground
• BNC Triax interface compliant with MIL-C-39012
• Contact plating according to MIL-G-45204
• Gold Plated Contact
Applications
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE91105 bulkhead isolated ground BNC Triax female to BNC Triax female adapter is part of our full line of RF
components available for same-day shipping. Our BNC Triax to BNC Triax adapter has a female to female gender configuration.
PE91105 BNC Triax female to BNC Triax female adapter operates to 500 MHz. This RF BNC Triax bulkhead to BNC Triax
adapter allows designers to create external connections on their product enclosures, and can be used in a variety of other rack
mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
500
MHz
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.35 in [34.29 mm]
Width
0.8 in [20.32 mm]
Weight
0.052 lbs [23.59 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter PE91105
PE91105 REV 1.1
Bulkhead Mount Isolated Ground BNC Triax
Female to BNC Triax Female Adapter
PE91105
RF Adapters Technical Data Sheet


Similar Part No. - PE91105

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9110 PASTERNACK-PE9110 Datasheet
236Kb / 2P
TNC Male to BNC Male Adapter
PE91101 PASTERNACK-PE91101 Datasheet
491Kb / 3P
SMP Female to SMP Female Adapter .374 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
PE91103 PASTERNACK-PE91103 Datasheet
252Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
More results

Similar Description - PE91105

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3778 POMONA-3778 Datasheet
30Kb / 1P
BNC (Female) Isolated Ground Bulkhead Receptacle
3846 POMONA-3846 Datasheet
27Kb / 1P
Adapter, Isolated Ground BNC Female To Female
5148 POMONA-5148 Datasheet
20Kb / 1P
BNC (Female) Bulkhead Receptacle, Isolated Ground
logo
Winchester Electronics ...
SD1965-3-9 WINCHESTER-SD1965-3-9 Datasheet
91Kb / 1P
BNC TRIAX PLUG
SD1965-15-9 WINCHESTER-SD1965-15-9 Datasheet
57Kb / 1P
BNC TRIAX PLUG
logo
Pasternack Enterprises,...
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
BNC Triax Tee Adapter Male-Female-Female
PE91107 PASTERNACK-PE91107 Datasheet
430Kb / 4P
BNC Triax Female to BNC Triax Female Adapter, 3 Lug
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com