Electronic Components Datasheet Search
  English  ▼

X  

ACD2203 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ACD2203
Description  CATV/TV/Video Downconverter with Dual Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2203 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ACD2203 Datasheet HTML 4Page - ANADIGICS, Inc ACD2203 Datasheet HTML 5Page - ANADIGICS, Inc ACD2203 Datasheet HTML 6Page - ANADIGICS, Inc ACD2203 Datasheet HTML 7Page - ANADIGICS, Inc ACD2203 Datasheet HTML 8Page - ANADIGICS, Inc ACD2203 Datasheet HTML 9Page - ANADIGICS, Inc ACD2203 Datasheet HTML 10Page - ANADIGICS, Inc ACD2203 Datasheet HTML 11Page - ANADIGICS, Inc ACD2203 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
PRELIMINARY DATA SHEET - Rev 1.3
12/2003
ACD2203
Figure 10: Typical Local Oscillator Output Power
vs. Ambient Temperature
(V = +5 V, f
= 1042 MHz)
DD
LO2
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
25
35
45
55
65
75
85
Ambient Temperature (°C)
Figure 8: Typical Phase Noise at 10 kHz Offset
vs. Ambient Temperature
(V = +5 V, f
= 1042 MHz)
DD
LO2
-94
-92
-90
-88
-86
-84
25
35
45
55
65
75
85
Ambient Temperature (°C)
Figure 6: Typical Conversion Gain and Noise
Figure vs. Ambient Temperature
(V = +5 V, f
= 1042 MHz)
DD
LO2
10.0
11.0
12.0
13.0
14.0
15.0
25
35
45
55
65
75
85
Ambient Temperature (°C)
3.0
3.4
3.8
4.2
4.6
5.0
Conversion Gain
Noise Figure
PERFORMANCE DATA
13.0
13.2
13.4
13.6
13.8
14.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
3.55
3.57
3.59
3.61
3.63
3.65
Conversion Gain
Noise Figure
Figure 5: Typical Conversion Gain and Noise
Figure vs. Supply Voltage
(T = +25 °C, f
= 1042 MHz)
A
LO2
Figure 7: Typical Phase Noise at 10 kHz Offset
vs. Supply Voltage
(T = +25 °C, f
= 1042 MHz)
A
LO2
-95
-94
-93
-92
-91
-90
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
Figure 9: Typical Local Oscillator Output Power
vs. Supply Voltage
(T = +25 °C, f
= 1042 MHz)
A
LO2
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com