Electronic Components Datasheet Search
  English  ▼

X  

HCF Datasheet(PDF) 3 Page - Schurter Inc.

Part # HCF
Description  Solid State, Thin Film, SMD 3220 Fuse for High Current Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCF Datasheet(HTML) 3 Page - Schurter Inc.

  HCF Datasheet HTML 1Page - Schurter Inc. HCF Datasheet HTML 2Page - Schurter Inc. HCF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuses
HCF
https://www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
110
0.0001
0.00001
All Variants
Rated Current [A]
Rated Voltage
[VAC]
Rated Voltage
[VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
5
125
125
1)
90
14.2
1.75 3-101-056
7.5
125
125
1)
90
9.5
5.6 3-101-050
10
125
125
1)
105
8.2
11 3-101-051
15
125
125
2)
86
4.3
28 3-101-062
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 200 A @ 125 VAC, p.f. > 0.999 / 1000 A @ 125 VDC, L/R < 1 ms
2) 200 A @ 125 VAC, p.f. > 0.999 / 500 A @ 125 VDC, L/R < 1 ms
Packaging Unit
Blister Tape on 18 cm Reel in ESD Plastic Bag (300 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com