Electronic Components Datasheet Search
  English  ▼

X  

MSB Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSB
Description  Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSB Datasheet(HTML) 1 Page - Schurter Inc.

  MSB Datasheet HTML 1Page - Schurter Inc. MSB Datasheet HTML 2Page - Schurter Inc. MSB Datasheet HTML 3Page - Schurter Inc. MSB Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
MSB
https://www.schurter.com /PG01_2
Fuses
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
See below:
Approvals and Compliances
IEC 60127-4 · 125VAC · 125VDC · Time-Lag T
Description
- Low Breaking Capacity
- Directly solderable on printed circuit boards
Applications
- Telecom
- Household appliances
References
Packaging Details
Square Footprint Type MKT
Corresponding Fuseholder 231786; 231787
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
63 - 125 VAC, 65 - 125 VDC
Rated current
0.75 - 15 A
Breaking Capacity
50 A - 150 A
Characteristic
Time-Lag T
Mounting
PCB,SMT
Admissible Ambient Air Temp. -55 °C to 85 °C
Climatic Category
55/085/56 acc. to IEC 60068-1
Material: Tube
Ceramic
Material: Endcaps
Tin-Plated Copper Alloy
Unit Weight
0.07 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-58,
Test Td,Fig. 2B (Reflow) // 245 °C / 3
sec (Wave)
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: MSB
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E42088
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60127-4/2
Miniature fuses. Part 4. Universal modular fuse-links for through-hole and
surface mount types
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses


Similar Part No. - MSB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSB ADAM-TECH-MSB Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Schurter Inc.
MSB SCHURTER-MSB Datasheet
504Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
293Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
logo
Veris. All Rights Reser...
MSB VERIS-MSB Datasheet
277Kb / 2P
Occupancy Sensors
logo
Volgen Kaga Electronics...
MSB-0505 VOLGEN-MSB-0505 Datasheet
244Kb / 3P
1 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com