Electronic Components Datasheet Search
  English  ▼

X  

ADM8616 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8616
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8616 Datasheet(HTML) 2 Page - Analog Devices

  ADM8616 Datasheet HTML 1Page - Analog Devices ADM8616 Datasheet HTML 2Page - Analog Devices ADM8616 Datasheet HTML 3Page - Analog Devices ADM8616 Datasheet HTML 4Page - Analog Devices ADM8616 Datasheet HTML 5Page - Analog Devices ADM8616 Datasheet HTML 6Page - Analog Devices ADM8616 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ADM8611/ADM8616/ADM8617/ADM8618
Preliminary Technical Data
Rev. PrB | Page 2 of 7
ADM8611/ADM8616/ADM8617/ADM8618—SPECIFICATIONS
Table 2. VCC=Full Operating Range, TA=TMIN to TMAX, unless otherwise noted
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
Supply Current
10
20
µA
VCC=5.5V
5
12
µA
VCC=3.6V
RESET THRESHOLD VOLTAGE
ADM861_L
4.50
4.63
4.75
V
TA=-40°C to +85°C
ADM861_M
4.25
4.38
4.50
V
TA=-40°C to +85°C
ADM861_T
3.00
3.08
3.15
V
TA=-40°C to +85°C
ADM861_S
2.85
2.93
3.00
V
TA=-40°C to +85°C
ADM861_R
2.55
2.63
2.70
V
TA=-40°C to +85°C
ADM861_Z
2.25
2.32
2.38
V
TA=-40°C to +85°C
ADM861_Y
2.12
2.19
2.25
V
TA=-40°C to +85°C
ADM861_W
1.62
1.67
1.71
V
TA=-40°C to +85°C
ADM861_V
1.52
1.58
1.62
V
TA=-40°C to +85°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
40
ppm/°C
RESET THRESHOLD HYSTERESIS
3
mV
RESET TIMEOUT PERIOD
20
30
40
ms
ADM8611
140
200
280
ms
ADM8616–ADM8618
VCC TO RESET DELAY
40
µs
VCC falling at 1mV/µs
PUSH-PULL OUTPUT (ADM8611, ADM8616, ADM8618)
RESET Output Voltage
0.3
V
VCC>=1.0V, ISINK=50µA
0.3
V
VCC>=1.2V, ISINK=100µA
0.3
V
VCC>=2.7V, ISINK=1.2mA
0.4
V
VCC>=4.5V, ISINK=3.2mA
0.8x VCC
V
VCC>=2.7V, ISOURCE=500µA
VCC-1.5
V
VCC>=4.5V, I SOURCE=800µA
RESET Rise Time
5
25
ns
From 10% to 90% VCC, CL=5pF,
VCC =3.3V
RESET Output Voltage
0.3
V
VCC>=2.7V, ISINK=1.2mA
0.4
V
VCC>=4.5V, ISINK=3.2mA
0.8x VCC
V
VCC>=1.8V, ISOURCE=150µA
0.8x VCC
V
VCC>=2.7V, ISOURCE=500µA
VCC-1.5
VCC>=4.5V, I SOURCE=800µA
OPEN-DRAIN OUTPUT (ADM8617)
RESET Output Voltage
0.3
V
VCC>=1.0V, ISINK=50µA
0.3
V
VCC>=1.2V, ISINK=100µA
0.3
V
VCC>=2.7V, ISINK=1.2mA
0.4
V
VCC>=4.5V, ISINK=3.2mA
Open-Drain Reset Output Leakage Current
1
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com