Electronic Components Datasheet Search
  English  ▼

X  

ADM8611 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM8611
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8611 Datasheet(HTML) 3 Page - Analog Devices

  ADM8611 Datasheet HTML 1Page - Analog Devices ADM8611 Datasheet HTML 2Page - Analog Devices ADM8611 Datasheet HTML 3Page - Analog Devices ADM8611 Datasheet HTML 4Page - Analog Devices ADM8611 Datasheet HTML 5Page - Analog Devices ADM8611 Datasheet HTML 6Page - Analog Devices ADM8611 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
ADM8611/ADM8616/ADM8617/ADM8618
Rev. PrB | Page 3 of 7
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
MANUAL RESET INPUT (ADM8611)
MR Input Threshold
0.3xVCC
V
0.7xVCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Pull-up Resistance
25
50
75
k
MR to Reset Delay
200
ns
WATCHDOG INPUT (ADM8616, ADM8617, ADM8618)
Watchdog Timeout Period
4.3
6.3
9.3
ms
ADM86___W
71
102
153
ms
ADM86___X
1.12
1.6
2.4
s
ADM86___Y
17.9
25.6
38.4
s
ADM86___Z
WDI Pulse Width
50
ns
VIL=0.3xVCC, VIH=0.7xVCC,
WDI Input Threshold
0.3xVCC
V
0.7xVCC
V
WDI Input Current
120
160
µA
VWDI= VCC, time average
-20
-15
µA
VWDI=0, time average
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
RESET/RESET
-0.3V to +6V
Output Current (RESET, RESET)
20mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com