Electronic Components Datasheet Search
  English  ▼

X  

KTHAVPA1.12 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KTHAVPA1.12
Description  DISPLIX Oval
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KTHAVPA1.12 Datasheet(HTML) 1 Page - OSRAM GmbH

  KTHAVPA1.12 Datasheet HTML 1Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 2Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 3Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 4Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 5Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 6Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 7Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 8Page - OSRAM GmbH KTHAVPA1.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-11-14
1
2017-11-14
DISPLIX Oval
Datasheet
Discontinued acc. OS-PD-2017-037
KT HAVPA1.12
This device is especially designed for full color video
walls.The black package guarantees highest contrast.
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videoleinwänden entwickelt worden. Das
schwarze Gehäuse garantiert höchsten Kontrast
Features:
Besondere Merkmale:
•
Package: SMD epoxy package with silicone lens
•
Gehäusetyp: SMD Epoxyd Gehäuse mit
Silikonlinse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 110° (horizontal); 60°
(vertical)
•
Abstrahlwinkel bei 50 % I
V: 110° (horizontal); 60°
(vertical)
•
Color: true green (528 nm)
•
Farbe: true green (528 nm)
Applications
Anwendungen
•
Video Walls
•
Video Walls
•
Full color displays
•
Vollfarb-Displays


Similar Part No. - KTHAVPA1.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
SMD epoxy package with silicone lens
More results

Similar Description - KTHAVPA1.12

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
OVAL LED LAMP
logo
HB Electronic Component...
774MY8T-S HB-774MY8T-S Datasheet
141Kb / 4P
Oval LED
logo
Bright View Electronic ...
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
OVAL LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
5mm Mini Oval and Standard Oval AlInGaP LEDs
logo
List of Unclassifed Man...
534-538 ETC2-534-538 Datasheet
255Kb / 1P
OVAL INSTRUMENTATION HANDLE
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
Oval LED
logo
OSRAM GmbH
KRTBHDLP71.32 OSRAM-KRTBHDLP71.32 Datasheet
656Kb / 28P
DISPLIX E2020
LRTBGRTG OSRAM-LRTBGRTG Datasheet
908Kb / 26P
DISPLIX Blackprint
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2071-V280 VACUUMSCHMELZE-T60006-L2071-V280 Datasheet
755Kb / 4P
Oval core
T60006-L2071-V380 VACUUMSCHMELZE-T60006-L2071-V380 Datasheet
785Kb / 5P
Oval core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com