Electronic Components Datasheet Search
  English  ▼

X  

LEACWUWVS2W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEACWUWVS2W
Description  OSRAM OSTAR Medical
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEACWUWVS2W Datasheet(HTML) 4 Page - OSRAM GmbH

  LEACWUWVS2W Datasheet HTML 1Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 2Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 3Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 4Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 5Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 6Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 7Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 8Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2017-06-26
4
Version 1.5 (not for new design)
LE ACWUWV S2W
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
A
amber
CW
warm
white
UW
white
V
verde
Wellenlänge des emittierten Lichtes
(min.)
Wavelength at peak emission
(typ.)
I
F = 700 mA
(max.)
λ
peak
624
447
453
503
nm
nm
nm
Dominantwellenlänge
4) Seite 23
(min.)
Dominant wavelength
4) page 23
(typ.)
I
F = 700 mA
(max.)
λ
dom
λ
dom
λ
dom
610
617
625
499
505
518
nm
nm
nm
Farbtemperatur nach CIE 1931
3) Seite 23
(typ.)
Color Temperature acc. to CIE 1931
3) page 23
I
F = 700 mA
T
C
2700
7000
K
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
I
F = 700 mA
∆λ
18
30
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
5) Seite 23
(min.)
Forward voltage per chip
5) page 23
(typ.)
I
F = 700 mA
(max.)
V
F
V
F
V
F
2.10
2.50
2.90
2.90
3.45
4.00
2.90
3.60
4.00
V
V
V
Abstrahlende Fläche(typ.)
Radiating Surface
A
2.1 x 2.1
mm²
Partieller Lichtfluss
Partial flux acc. CIE 127:2007
(typ.)
(Φ
E/V 120° = x * ΦE/V 180°)
Φ
E/V, 120°
0.82
Color reproduction index
9) page 23
(typ.)
Farbwiedergabe Index
9) Seite 23
R
a
-
95
-
-
-
Thermal resistance junction / solderpad
Wärmewiderstand Sperrschicht / solderpad
R
th JS real
R
th JS real
1.8 (typ.)
2.3 (max.)
K/W
K/W
Thermal resistance junction / solderpad**
Wärmewiderstand Sperrschicht / solderpad**
n
LED = 23 %
(all chips operated simultaneously)
R
th JS el
R
th JS el
1.4 (typ.)
1.8 (max.)
K/W
K/W
*
Einzelgruppen siehe Seite 5
Individual groups on page 5
** R
th basiert auf statistischen Werten
R
th is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com