Electronic Components Datasheet Search
  English  ▼

X  

PE91141 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91141
Description  N Female to N Female Adapter With Body Flats
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91141 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91141 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
.
Description
Connector 1
Connector 2
Type
N Female
N Female
Polarity
Standard
Standard
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
N Female
N Female
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
1.3µm minimum
1.3µm minimum
Insulation
PTFE
PTFE
Outer Conductor Passivated Stainless Steel
Passivated Stainless Steel
. .
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
N Female to N Female Adapter With Body Flats from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to N Female Adapter With Body Flats PE91141
URL:
https://www.pasternack.com/n-female-n-female-straight-adapter-pe91141-p.aspx
PE91141 REV 1.1
N Female to N Female Adapter With Body Flats
RF Adapters Technical Data Sheet
PE91141



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com