Electronic Components Datasheet Search
  English  ▼

X  

PE91147 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91147
Description  Ruggedized 3.5mm NMD Female to SMA Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91147 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91147 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91147 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
.
Description
Connector 1
Connector 2
Type
3.5mm NMD Female
SMA Female
Polarity
Standard
Standard
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
3.5mm NMD Female
SMA Female
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
4 µin minimum
4 µin minimum
Insulation
Oxide-Noryl
Oxide-Noryl
Outer Conductor Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
. .
Compliance Certifications (see product page for current document)
Ruggedized 3.5mm NMD Female to SMA Female Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Ruggedized 3.5mm NMD Female to SMA Female Adapter PE91147
URL:
https://www.pasternack.com/3.5mm-nmd-female-sma-female-straight-adapter-pe91147-p.aspx
PE91147 REV 1.1
Ruggedized 3.5mm NMD Female to SMA Female Adapter
RF Adapters Technical Data Sheet
PE91147



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com