Electronic Components Datasheet Search
  English  ▼

X  

PE91172 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91172
Description  Low PIM TNC Male to TNC Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91172 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91172 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91172 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
TNC Male
Impedance 1
50 Ohms
Connector 2
TNC Male
Impedance 2
50 Ohms
Adapter Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.25:1
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-150
Mechanical Specifications
Temperature
Operating Range,deg C
-45 to +125
Size
Length, in [mm]
1.3 [33.02]
Width/Dia., in [mm]
0.6 [15.24]
.
Connector 1
Type
TNC Male
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
14
Torque, in-lbs [Nm]
6 [0.68]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
TNC Male
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
14
Torque, in-lbs [Nm]
6 [0.68]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM TNC Male to TNC Male Adapter PE91172
PE91172
PE91172 REV 1.0
Low PIM TNC Male to TNC Male Adapter


Similar Part No. - PE91172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE91170 PASTERNACK-PE91170 Datasheet
343Kb / 3P
Maximum VSWR
PE91171 PASTERNACK-PE91171 Datasheet
338Kb / 3P
Maximum VSWR
PE91173 PASTERNACK-PE91173 Datasheet
354Kb / 4P
Low PIM TNC Male to TNC Female Adapter
More results

Similar Description - PE91172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
Precision TNC Male to TNC Male Adapter
PE9560 PASTERNACK-PE9560 Datasheet
257Kb / 3P
TNC Male to TNC Male Right Angle Adapter
PE9563 PASTERNACK-PE9563 Datasheet
246Kb / 2P
TNC Male to HN Male Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9091 PASTERNACK-PE9091 Datasheet
362Kb / 4P
TNC Male to TNC Male Adapter
PE91173 PASTERNACK-PE91173 Datasheet
354Kb / 4P
Low PIM TNC Male to TNC Female Adapter
PE91174 PASTERNACK-PE91174 Datasheet
353Kb / 4P
Low PIM TNC Female to TNC Female Adapter
PE91202 PASTERNACK-PE91202 Datasheet
354Kb / 3P
TNC Male to TNC Male Adapter IP67 Mated
PE91239 PASTERNACK-PE91239 Datasheet
355Kb / 3P
TNC Male to TNC Male Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com