Electronic Components Datasheet Search
  English  ▼

X  

CS108 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS108
Description  Fixtures Slim Down with Low-Power LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS108 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS108 Datasheet HTML 1Page - Lumileds Lighting Company CS108 Datasheet HTML 2Page - Lumileds Lighting Company CS108 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS108 Fixtures Slim Down with Low-power LEDs Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Fixtures Slim Down
with Low-Power LEDs
Driven by the need to deliver more
consistent light output in very slim fixtures,
under-cabinet and puck lights benefit from
the latest low-power LEDs.
Jasco Products has introduced under-cabinet and
puck lights that are 60% smaller than previous
generation fixtures using through-hole LED. This
feat was accomplished using the highly efficient
LUXEON 4014 low-power LED.
Challenge
“Slim is in” when it comes to under-cabinet lighting and puck lights. Jasco Products,
a leading home electrical product developer, is continually driven to improve the
performance of its battery operated LED light fixtures. The redesign of three fixtures
targeted more consistent light output and more efficient battery usage for a longer life.
At the same time, Jasco works to continually improve its manufacturing efficiency and
reduce its environmental impact.
It was these drivers that motivated the redesign of Jasco’s 6x2 inch and 12x2 inch light
bars and one puck light for residential and commercial applications. Outlets such as
Home Depot and Walmart sell approximately 500,000 of these fixtures annually.
“The change to a surface-mount LEDs, combined with
other design changes, ended up reducing our fixture
size by 60%.”
— Eric Koboldt
Product Manager LED Lighting, Jasco
Products
Challenge
Improve the color consistency and
battery life of 6x2 inch and 12x2 inch
under-cabinet LED fixtures and an LED
puck light while slimming down their
overall design.
Solution
Implemented 4 LUXEON 4014
low-power LEDs per fixture, which
reduced fixture size and improved
performance.
Benefits
A 20% improvement in color
consistency and a 15% extension
of battery life. The materials of
construction were reduced and
automation of operations using SMT
improved manufacturing efficiency.
Results
Slim and compact under-cabinet and
puck fixtures nearly as thin as an AA
battery were produced. The targets
of color consistency and battery life
were met while long-term goals of
improving manufacturing efficiency
and reducing environment impact
were also achieved.
Four LUXEON 4014 LEDs on PCB


Similar Part No. - CS108

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS1084 HAMMOND-CS1084 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS1086 HAMMOND-CS1086 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1087XDW28 ONSEMI-CS1087XDW28 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1087XDWR28 ONSEMI-CS1087XDWR28 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
More results

Similar Description - CS108

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-311 ROHM-SML-311 Datasheet
73Kb / 3P
Chip LEDs with low power consumption
SML-211DT ROHM-SML-211DT Datasheet
84Kb / 3P
Chip LEDs with low power consumption
logo
A-BRIGHT Inc
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003_15 Datasheet
507Kb / 4P
LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003_15 Datasheet
580Kb / 5P
LED Light Fixtures
logo
OSRAM GmbH
LCWJNSH.PC OSRAM-LCWJNSH.PC Datasheet
1Mb / 22P
Retrofits and fixtures
logo
Lumileds Lighting Compa...
CS107 LUMILEDS-CS107 Datasheet
5Mb / 3P
Compact Fixtures Turn to High Voltage LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com