Electronic Components Datasheet Search
  English  ▼

X  

CS109 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS109
Description  SlimStyle Bulb Exceeds Expectations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS109 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS109 Datasheet HTML 1Page - Lumileds Lighting Company CS109 Datasheet HTML 2Page - Lumileds Lighting Company CS109 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS109 SlimStyle Bulb Exceeds Expectations Case Study ©2016 Lumileds Holding B.V. All rights reserved.
SlimStyle Bulb Exceeds
Expectations
The 60W equivalent SlimStyle LED bulb is
attractive, delivers exceptional, uniform
light, and costs less than $10.
The Philips SlimStyle LED bulb surpasses the
consumer expectations for an energy-efficient
replacement for incandescent or CFL. The slim
and stylish bulb utilizes bright and efficient mid
power LEDs from Lumileds. Optical elements in
the housing and a novel heat sink design enable a
much lighter, more efficient lamp design than was
possible with previous generation bulbs.
Challenge
Consumers demand — and expect — LED lamps that outperform incandescent bulbs
and CFLs. The 60W is the most common amongst the incandescent bulbs. LED lamp
manufacturers have been developing 60W equivalent lamps for several years and
many have achieved the ENERGY STAR® requirements for an A19 form factor. However,
consumers still demand a 60W-equivalent LED lamp that is affordable.
In addition, it is ideal to have a lightweight LED lamp that also offers dimming
characteristics matching those of incandescent bulbs.
“We wanted a bulb that would herald in the modern era
with an attractive, sleek look. In this way, SlimStyle goes
beyond energy savings, long life and exceptional light
quality.”
— Joseph Fey
Integral Project Manager, Philips
Product Development Director
Challenge
Design an attractive 60W equivalent
bulb that delivers uniform, consistent
light, meets ENERGY STAR®
requirements, and hits a price point
that motivates consumers to switch to
LED lighting.
Solution
Philips developed an innovative
bulb with minimal components and
especially bright LUXEON 3020 and
LUXEON 3535L mid power LEDs.
Despite its sleek design, the SlimStyle
delivers shadow-free omni-directional
light and is available
in warm white (2700K) and cool white
(5000K) versions.
Benefits
The SlimStyle lamp combines advanced
design, increased energy efficiency
and an affordable price for consumers
making the switch to LED lightbulbs.
Results
An 800 lumen bulb that lasts 25,000
hours, uses 85% less energy than the
incandescent equivalent and costs less
than $10. The novel, slim design will
help motivate consumers to make the
switch to LED bulbs.


Similar Part No. - CS109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS10 ETC-CS10 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6533 MAXIM-71M6533 Datasheet
2Mb / 132P
Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
logo
Marl International Limi...
623 MARL-623 Datasheet
326Kb / 4P
Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
logo
Integrated Device Techn...
IDT74CBTLV16245 IDT-IDT74CBTLV16245_06 Datasheet
72Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH Latch-up performance exceeds 100mA
logo
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
Exceeds environmental standards of MIL-S-19500/228
logo
A-BRIGHT Inc
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00 Datasheet
138Kb / 2P
LED BULB
AB-153W6A-12V0-M00 A-BRIGHT-AB-153W6A-12V0-M00_15 Datasheet
136Kb / 2P
LED BULB
AB-751SW-01WA-E4C A-BRIGHT-AB-751SW-01WA-E4C_15 Datasheet
135Kb / 2P
LED BULB
logo
Agilent(Hewlett-Packard...
U1730 HP-U1730 Datasheet
523Kb / 11P
Take your expectations higher with the latest LCR meters
U1730C HP-U1730C Datasheet
502Kb / 11P
Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
Take your expectations higher with the latest LCR meters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com