Electronic Components Datasheet Search
  English  ▼

X  

CS116 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS116
Description  In Milan, Sustainable Lighting is for Life
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS116 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS116 Datasheet HTML 1Page - Lumileds Lighting Company CS116 Datasheet HTML 2Page - Lumileds Lighting Company CS116 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS116 In Milan, Sustainable Lighting is for Life Case Study ©2015 Lumileds Holding B.V. All rights reserved.
In Milan, Sustainable
Lighting is for Life
Expo Milan 2015 was the inspiration for the
largest roadway lighting project in Europe to
date. Milan, Italy expects 20 million visitors for
the event, which runs May through October.
In preparation, 100,000 of AEC Illuminazione’s
fixtures with LUXEON M LEDs were installed,
delivering impressive light quality, energy
efficiency and environmental benefits. Milan
will save 10 million euro in energy cost and emit
20,000 fewer tons of CO2 in its first year alone.
Customer Challenge
This year, Milan, Italy is hosting some 20 million visitors from 150 countries for the
world’s fair, Milan Expo 2015. In keeping with the Expo’s theme “Feed the Planet,
Energy for Life,” the city decided to undertake a complete urban renovation without
parallel in Europe, such as by creating a breath-taking skyline, new cycle paths, subway
tunnels and an efficient lighting system—specifically by, replacing 100,000 HID lamps
with sustainable LED luminaires.
City officials set the goals for the Milan project, to become a 100% smart city using
modern technologies to enhance performance and well-being, to reduce costs and
resource consumption, and to engage more effectively and actively with the citizens.
Naturally, energy efficiency, eco-sustainability, and reliability were key requirements for
the project “Milan goes LED.” Environmental considerations were also a priority, and so
the project needed to be fulfilled by eco-sustainable LED luminaires. City officials also
targeted a reduction in waste generation and minimization of light pollution created by
the city.
The project covered highway lighting, residential roadway lighting, and lighting over city
centers, squares and parks. Because of the varied requirements, fixtures of different
designs with various optical capabilities were indicated.
Challenge
To completely rejuvenate the lighting
landscape of Milan by replacing
100,000 HID bulbs with LED luminaires
on highways, residential roadways, and
on city walkways. Cost, environmental
and sustainability concerns were top
priorities.
Solution
Milan installed 100,000 state-of-the-
art AEC Italo 1, 2, and 2 Urban fixtures
that are illuminated using LUXEON
M LEDs. The high flux, high efficacy
LUXEON M LEDs, together with select
optics, bring the highest quality light
precisely where it is needed.
Results and Benefits
Energy consumption was reduced by
over 60% and Milan will save 10 million
euro in energy cost ($13 M) in its first
year. The CO2 emissions are expected
to be reduced by 23,000 tons per
year. The fixtures are warranted for
five years and the LEDs are likely to
last 100,000 hours (LM70) or 22 years,
compared to 2- 3 years with HID bulbs.


Similar Part No. - CS116

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
CS116 SYNQOR-CS116 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
More results

Similar Description - CS116

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG43305J-R1W4 OPTOSUPPLY-OSG43305J-R1W4 Datasheet
63Kb / 3P
PRODUCT SPECIFICATION FOR G4 LED LIGHTING Module Long life, easy installation
logo
Lumileds Lighting Compa...
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
High efficacy for sustainable design Compact 3535 2D package
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
This series is for use in hazardous areas This is suitable for use in water
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Balluff Korea Ltd.
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
logo
Schneider Electric
SUA5000RMT5U SCHNEIDER-SUA5000RMT5U Datasheet
90Kb / 1P
Sustainable offer status Green Premium product
Jun 2, 2020.
SMX1500RM2UNC SCHNEIDER-SMX1500RM2UNC Datasheet
72Kb / 1P
Sustainable offer status Green Premium product
Jun 2, 2020
SMX3000RMLV2UNC SCHNEIDER-SMX3000RMLV2UNC Datasheet
66Kb / 1P
Sustainable offer status Green Premium product
Jun 2, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com