Electronic Components Datasheet Search
  English  ▼

X  

CS117 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS117
Description  Comfort Meets Sustainability at UK?셲 Ealing Hospital
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS117 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS117 Datasheet HTML 1Page - Lumileds Lighting Company CS117 Datasheet HTML 2Page - Lumileds Lighting Company CS117 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS117 Comfort Meets Sustainability at UK’s Ealing Hospital Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Comfort Meets
Sustainability at UK’s
Ealing Hospital
An LED renovation of a hospital in the UK
reduced lighting energy usage by approximately
50% while creating a lighting environment that
is more conducive to healing.
Challenge
Due to their round-the-clock operation and high lumen output requirements, hospitals
devote a great deal of their energy usage to lighting. According to the U.S. Department
of Energy, lighting can account for 44% of a hospital’s electricity bill – nearly double that
of a commercial building’s. In this light, it is no surprise that hospitals in many parts of
the world are updating their lighting systems to LEDs to reduce their operating costs.
Last year, the London North West HealthCare NHS Trust, one of the UK’s largest care
trusts that serves over 850,000 patients and employs 8,000 people, spent 9% of its
total budget on energy. In the interest of reducing lighting energy and maintenance
costs to relegate those savings to other forms of health care services, the Trust
secured government funding to upgrade its Ealing Hospital in Southall, Greater
London, to LED lighting.
The Trust partnered with the Dextra Group (Dorset, UK) to provide luminaires, controls
and sensors for the upgrade. One of the substantial challenges involved the presence
of imperial ceiling grids throughout the hospital, a size that is currently not offered in
standard European lighting products.
Rapid installation was also considered a necessity for the lighting upgrade.
“When we accepted the 2014 Lux Award for
Manufacturer of the Year, the judges described our
ability to deliver custom product rapidly and in large
quantities as ‘remarkable.’” We have recently expanded
our design and manufacturing facilities to provide the
fastest delivery times.
— Rupert Martin, Group Chairman and
Owner, Dextra Group plc
Challenge
To provide an indoor and outdoor LED
lighting solution for Ealing Hospital
including LED luminaires, sensors and
controls that substantially reduces
energy cost while providing an
appropriate and comfortable lighting
environment.
Solution
The extensive hospital upgrade included
installation of 38 variations of luminaires
with different lumen outputs, optics,
dimming/sensor controls, and integral
emergency packages. The luminaires,
sensors and lighting controls were
installed in wards, waiting rooms,
circulation areas, loading bays, cafeterias
and reception areas. Fixtures in the
imperial ceiling were replaced with
bespoke recessed luminaires — a far
less expensive approach than replacing
the entire suspended ceiling.
Benefits and Results
Ealing Hospital officials determined
that the LED lighting upgrade reduced
energy use by approximately 50%? The
complete upgrade was performed in
12 months. Return on investment is
estimated to be reached in 5 years. All
waste products were disposed of in line
with WEEE legislation.


Similar Part No. - CS117

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS11-E2GA222MYGSA TDK-CS11-E2GA222MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYVSA TDK-CS11-E2GA222MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Campbell Scientific Uni...
CS110 CAMPBELL-CS110 Datasheet
641Kb / 2P
Electric Field Meter Sensor
12/12/2019
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
Powerline Networking Chipset
More results

Similar Description - CS117

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
233002-06 QUALTEK-233002-06 Datasheet
178Kb / 1P
POWER CORD HOSPITAL GRADE
233081-06 QUALTEK-233081-06 Datasheet
169Kb / 1P
POWER CORD HOSPITAL GRADE
logo
List of Unclassifed Man...
R9-NBC-LPAR-GP ETC2-R9-NBC-LPAR-GP Datasheet
1Mb / 3P
Soft mat for great lap comfort
logo
Astec America, Inc
ALO20F36 ASTEC-ALO20F36 Datasheet
118Kb / 2P
Meets Basic Insulation
logo
STMicroelectronics
ESDAVLC6-1BF4 STMICROELECTRONICS-ESDAVLC6-1BF4 Datasheet
292Kb / 9P
Multiple ESD strike sustainability
20-May-2015
logo
PHOENIX CONTACT
3002018 PHOENIX-3002018 Datasheet
130Kb / 4P
UK 3
3003017 PHOENIX-3003017 Datasheet
116Kb / 5P
UK 4
3008012 PHOENIX-3008012 Datasheet
177Kb / 8P
UK 35
3118012 PHOENIX-3118012 Datasheet
143Kb / 6P
UK-SI
logo
3M Electronics
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com