Electronic Components Datasheet Search
  English  ▼

X  

CS123 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS123
Description  Selfridges Windows Entice Like Never Before With Dynamic Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS123 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS123 Datasheet HTML 1Page - Lumileds Lighting Company CS123 Datasheet HTML 2Page - Lumileds Lighting Company CS123 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS123 Invisua Case Study ©2016 Lumileds Holding B.V. All rights reserved.
Selfridges Windows
Entice Like Never Before
With Dynamic Lighting
Every three months, Selfridges in-store creative
team reveals new designs for its multiple
windows facing Oxford Street, the busiest
shopping street in Europe. In these windows,
the shop has installed LED track lights using
Lumileds LUXEON Z LEDs with wireless control
and a dynamic web app to enable dynamic light
shows that bring the dazzling displays to life.
Challenge
For over a hundred years, Selfridges has been known for its spectacular window
displays. In recent years, the displays have become quite dynamic. Last Christmas,
following a zodiac theme of Journey to the Stars, one display showed Scorpio in
an elaborate headdress that changed color in reaction to heat from the sun. Such
dynamic displays were poorly served by CDM lights in white and fixed colors with
no method for providing dynamic lighting. In addition, every three months the 24
window displays are changed and new lighting is brought in and installed alongside the
installation of the new displays. A less costly and cumbersome approach was needed.
Solution
The store’s creative team explored the installation of flexible LED lighting that would
not only allow for dynamic light shows but also provide superior light quality and
eliminate the frequent replacement of the lighting fixtures. The store chose Invisua
Lighting for its holistic solution of providing fixtures, a control and web app system that
is plug-and-play. Invisua’s Masterspot 2 spotlights work seamlessly with the Lightport
controller and interfaces with the user’s tablet or phone for ease of use. Invisua’s UK-
based distributor Progress Lighting Ltd provided installation and programming of the
light shows to match Selfridges window displays.
“Each window creation is like a small theatre. Dynamic
LED lighting is often essential to the story it’s telling.“
— Matthijs Keuper, CEO and Founder
Invisua Lighting
Challenge
To replace the CDM track spotlights
in 24 display windows at Selfridges in
London with color and white LED track
spotlights capable of wireless, dynamic
light shows programmed specifically to
best show off each window’s content.
Solution
Using existing tracks, Progress Lighting
installed between four and eight
Invisua’s Masterspot 2 wireless track
lights per window in place of the CDM
lights. For the Masterspot 2’s, Lumileds
LUXEON Z white and color (red, green,
blue) LEDs were chosen for their high
flux and color consistency. Wireless
control and a dynamic web app
enabled on-demand delivery of light
shows in each window.
Results and Benefits
The dynamic lighting and light shows
greatly enhanced the already stunning
window displays at Selfridges. Now
that the lighting hardware no longer
needs to be changed when new
design installations are brought in,
the creative team can concentrate
on best coordinating the light shows
with the window designs.


Similar Part No. - CS123

ManufacturerPart #DatasheetDescription
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
logo
JILIN SINO-MICROELECTRO...
CS1235N3A JSMC-CS1235N3A Datasheet
415Kb / 9P
TRIACS
202107A
CS1235N3A-C-B JSMC-CS1235N3A-C-B Datasheet
415Kb / 9P
TRIACS
202107A
CS1235N3A-CB-B JSMC-CS1235N3A-CB-B Datasheet
415Kb / 9P
TRIACS
202107A
More results

Similar Description - CS123

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
logo
Ledil, Inc.
C16254 LEDIL-C16254 Datasheet
1Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15960 LEDIL-C15960 Datasheet
2Mb / 6P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CA16249 LEDIL-CA16249 Datasheet
2Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
logo
Maxim Integrated Produc...
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
logo
Lumileds Lighting Compa...
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com