Electronic Components Datasheet Search
  English  ▼

X  

CS130 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS130
Description  Innovative color mixing LEDs enable compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS130 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS130 Datasheet HTML 1Page - Lumileds Lighting Company CS130 Datasheet HTML 2Page - Lumileds Lighting Company CS130 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS130 Superior Color Mixing Debuts on Stage and Screen Case Study ©2017 Lumileds Holding B.V. All rights reserved.
Superior Color
Mixing Debuts on
Stage and Screen
Innovative color mixing LEDs enable
compact, state-of-the-art stage lighting
fixtures that deliver the best quality white
light and rich, saturated colors.
Challenge
Performance arts have traditionally required lighting units that reproduce colors
reliably, switch rapidly between colors and realistically depict white light. With the
transition to LED lighting instruments, all of this is achieved, along with the substantial
advantage of longer unit life across installations and drastically reduced power usage.
However, today’s stage lighting professionals continue to demand higher performance
from these systems, including improved color mixing, depiction of richer, more
saturated colors, higher flux and cooler operation in a small, compact instrument.
So, when Yajiang set out to upgrade its successful Stager line of lighting equipment,
the company sought LED technology capable of delivering vibrant, saturated colors
with a high color gamut, as well as fully tunable whites over a wide range of color
temperatures. For its high efficiency, high flux density fixtures, the company also
sought LEDs that deliver the highest flux densities from a small LED form factor.
“Fresnels are defined by their flood-to-spot capability.
The LEDs’ small light emitting surface allows us to use
smaller optics and achieve a beam angle of only 15
degrees.”
— Alex Wong, President of Yajiang
Challenge
To develop state-of-the-art stage
lighting spotlights capable of delivering
high flux density, excellent color
mixing, rich colors and high efficiency
in the smallest form factor.
Solution
Yajiang chose the LUXEON C Color
Line for its new Stager line of LED
spotlights. The LEDs small light
emitting surface (LES) and low dome
design produce the best color mixing,
while also enabling smaller optics and
a smaller overall system.
Results and Benefits
The Stager Fresno and Stager Profile
spotlights deliver color tunable RGB
spectrum and the highest quality
whites (2700K-6500K) with CRI of 85
and above. The Stager Fresno features
a flood-to-spot capability of 15 to 60
degrees. Both spotlights achieve the
highest system efficacy of 100 lm/W
for low energy usage.
Designed for flawless color mixing,
the LUXEON C Color Line has one focal
length for all colors, which provides
consistent radiation patterns from
secondary optics and maximizes optical
efficiency.


Similar Part No. - CS130

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS130 COTO-CS130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CS130 COTO-CS130 Datasheet
633Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
STEGO Elektrotechnik Gm...
CS130 STEGO-CS130 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
Media Coprocessor
logo
Power-One
CS1301-7R POWER-ONE-CS1301-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - CS130

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
Low Cost Innovative Packaging
logo
ALPS ELECTRIC CO.,LTD.
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
Compact and good operational feel, suitable for mixing console faders
logo
Lumileds Lighting Compa...
WP32 LUMILEDS-WP32 Datasheet
1Mb / 5P
An approach to enable high efficacy high color rendering performance LEDs for illumination
logo
Rohm
MSL0301RGBW ROHM-MSL0301RGBW Datasheet
1Mb / 3P
Ensures excellent color mixing
logo
PHOENIX CONTACT
2308043 PHOENIX-2308043 Datasheet
108Kb / 5P
Compact dimensions also enable distributed use
logo
ams AG
LSYT676 AMSCO-LSYT676 Datasheet
1Mb / 24P
Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com