Electronic Components Datasheet Search
  English  ▼

X  

BYW29FP-200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW29FP-200
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29FP-200 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW29FP-200 Datasheet HTML 1Page - STMicroelectronics BYW29FP-200 Datasheet HTML 2Page - STMicroelectronics BYW29FP-200 Datasheet HTML 3Page - STMicroelectronics BYW29FP-200 Datasheet HTML 4Page - STMicroelectronics BYW29FP-200 Datasheet HTML 5Page - STMicroelectronics BYW29FP-200 Datasheet HTML 6Page - STMicroelectronics BYW29FP-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BYW29/F/FP/G-200
3/7
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P = 10W
P= 5 W
P = 15W
T
δ=tp/T
tp
IM
IM(A)
δ
Fig.2 : Peak current versus form factor.
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VFM(V)
Tj=25°C
Tj=125°C
IFM(A)
Fig.3 : Forward voltage drop versus forward cur-
rent (maximum values).
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Zth(j-c)/Rth(j-c)
Fig.4-1 : Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AC,
D
2PAK).
0
2
4
6
8
10
12
01
23
45
67
89
10
11
IF(av)(A)
PF(av)(W)
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig.1 : Average forward power dissipation versus
average forward current.
0
10
20
30
40
50
60
70
80
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=120°C
IM(A)
IM
t
δ=0.5
Fig.5-1 : Non repetitive surge peak forward current
versus overload duration (TO-220AC, D
2PAK).
0.0
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig.4-2 :Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(TO-220FPAC, ISOWATT220AC).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com