Electronic Components Datasheet Search
  English  ▼

X  

PE91241 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91241
Description  TNC Female to TNC Female Adapter IP67 UnMated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91241 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91241 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91241 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91241 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
TNC Female
Impedance 1
50 Ohms
Connector 2
TNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
1.331 [33.81]
.
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-40 to +120 deg C
Ingress Protection
IP67 UnMated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to TNC Female Adapter IP67 UnMated PE91241
PE91241
PE91241 REV 1.0
TNC Female to TNC Female Adapter IP67 UnMated


Similar Part No. - PE91241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
N Male to C Female Adapter
PE91240 PASTERNACK-PE91240 Datasheet
355Kb / 3P
TNC Male to TNC Female Adapter IP67 UnMated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91244 PASTERNACK-PE91244 Datasheet
359Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results

Similar Description - PE91241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9154 PASTERNACK-PE9154 Datasheet
357Kb / 3P
Hermetically Sealed TNC Female to TNC Female Bulkhead Adapter IP67 Rated
PE91203 PASTERNACK-PE91203 Datasheet
354Kb / 3P
TNC Male to TNC Female Adapter IP67 Mated
PE91204 PASTERNACK-PE91204 Datasheet
353Kb / 3P
TNC Female to TNC Female Adapter IP67 Mated
PE91205 PASTERNACK-PE91205 Datasheet
337Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 Mated
PE91239 PASTERNACK-PE91239 Datasheet
355Kb / 3P
TNC Male to TNC Male Adapter IP67 UnMated
PE91240 PASTERNACK-PE91240 Datasheet
355Kb / 3P
TNC Male to TNC Female Adapter IP67 UnMated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com