Electronic Components Datasheet Search
  English  ▼

X  

PE91341 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91341
Description  Hermetically Sealed Snap-On QMA Male to QMA Male Snap-On Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91341 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91341 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91341 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91341 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91341 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Snap-On QMA Male Connector 1
• Snap-On QMA Male Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.08:1 up to 6 GHz
• Hermetically Sealed
• 51µ in. minimum contact plating
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Vacuum Test Environment
.
Description
Pasternack’s PE91341 hermetically sealed snap-on QMA male to QMA male snap-on adapter is part of our full line of RF
components available for same-day shipping. Our QMA to QMA adapter has a male to male gender configuration. PE91341
QMA male to QMA male adapter operates to 6 GHz. The Pasternack RF adapter provides excellent VSWR of 1.08:1 maximum.
This hermetic QMA to QMA adapter prevents the leakage of gases, making it suitable for high pressure or vacuum applications
or whenever an airtight seal is required.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.08:1
Insertion Loss
0.12
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
RF Leakage
70
dB
. .
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width
0.41 in [10.41 mm]
Weight
0.02 lbs [9.07 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Hermetically Sealed Snap-On QMA Male to QMA Male Snap-On Adapter PE91341
PE91341 REV 1.0
Hermetically Sealed Snap-On QMA Male
to QMA Male Snap-On Adapter
PE91341
RF Adapters Technical Data Sheet


Similar Part No. - PE91341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
PE91343 PASTERNACK-PE91343 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Female to QMA Female Snap-On Adapter
PE91344 PASTERNACK-PE91344 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Male Snap-On Adapter
PE91345 PASTERNACK-PE91345 Datasheet
345Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Female Snap-On Adapter
PE91346 PASTERNACK-PE91346 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Female to SMA Male Adapter
More results

Similar Description - PE91341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE9787 PASTERNACK-PE9787 Datasheet
464Kb / 3P
N Male to QMA Female Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE38270 PASTERNACK-PE38270 Datasheet
263Kb / 1P
CABLE ASSEMBLY, RG316, QMA MALE TO QMA MALE
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
PE91343 PASTERNACK-PE91343 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Female to QMA Female Snap-On Adapter
PE91344 PASTERNACK-PE91344 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Male Snap-On Adapter
PE91345 PASTERNACK-PE91345 Datasheet
345Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Female Snap-On Adapter
PE91346 PASTERNACK-PE91346 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Female to SMA Male Adapter
PE91347 PASTERNACK-PE91347 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Female to SMA Female Snap-On Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com