Electronic Components Datasheet Search
  English  ▼

X  

PE91360 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91360
Description  SMA Male to MMBX Plug Snap-On Adapter, with male center contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91360 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91360 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91360 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91360 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91360 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Male Connector 1
• Snap-On MMBX Plug Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.2:1 up to 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Reliable Snap-On connection method
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• Allows Connection Between Series
• General Purpose Test
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE91360 SMA male to MMBX plug snap-on adapter, is part of our full line of RF components available for same-
day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our
SMA to MMBX adapter has a male to plug gender configuration. PE91360 SMA male to MMBX plug adapter is gold plated and
operates to 12.4 GHz. The Pasternack RF adapter provides excellent VSWR of 1.2:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.2:1
Insertion Loss
0.42
dB
Operating Voltage (AC)
330
Vrms
Dielectric Withstanding Voltage (AC)
500
Vrms
Insulation Resistance
1,000
MOhms
. .
Mechanical Specifications
Size
Length
0.62 in [15.75 mm]
Width
0.312 in [7.92 mm]
Weight
0.0068 lbs [3.08 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to MMBX Plug Snap-On Adapter, with male center contact PE91360
PE91360 REV 1.0
SMA Male to MMBX Plug Snap-On
Adapter, with male center contact
PE91360
RF Adapters Technical Data Sheet


Similar Part No. - PE91360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE91361 PASTERNACK-PE91361 Datasheet
356Kb / 4P
SMA Female to MMBX Plug Snap-On Adapter, with male center contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
PE91364 PASTERNACK-PE91364 Datasheet
526Kb / 5P
Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
More results

Similar Description - PE91360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE3C3989 PASTERNACK-PE3C3989 Datasheet
436Kb / 5P
Snap-On MMBX Plug to SMA Male Cable Using RG178 Coax
PE91344 PASTERNACK-PE91344 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Male Snap-On Adapter
PE91361 PASTERNACK-PE91361 Datasheet
356Kb / 4P
SMA Female to MMBX Plug Snap-On Adapter, with male center contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
PE91364 PASTERNACK-PE91364 Datasheet
526Kb / 5P
Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
PE3C4019 PASTERNACK-PE3C4019 Datasheet
436Kb / 5P
Snap-On MMBX Plug to SMA Male Cable Using RG316 Coax
PE3C4036 PASTERNACK-PE3C4036 Datasheet
437Kb / 5P
Snap-On MMBX Plug to SMA Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com