Electronic Components Datasheet Search
  English  ▼

X  

PE91386 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91386
Description  Low PIM 4.3-10 Female to 4.3-10 Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91386 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91386 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91386 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91386 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91386 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• 4.3-10 Female Connector 1
• 4.3-10 Female Connector 2
• 50 Ohm
• Low PIM Design
• Straight Body Geometry
Features
• Max VSWR of 1.08:1 up to 6 GHz
• PIM levels lower than -166 dBc
• Silver Plated Bronze Contact
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
Applications
• General Purpose Test
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE91386 4.3-10 female to 4.3-10 female adapter is part of our full line of RF components available for same-
day shipping. Our 4.3-10 to 4.3-10 adapter has a female to female gender configuration in a low PIM design. PE91386 4.3-10
female to 4.3-10 female adapter operates to 6 GHz. The Pasternack RF adapter provides excellent VSWR of 1.08:1 maximum
and passive intermodulation of -166 dBc maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.08:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 4.3-10 Female to 4.3-10 Female Adapter PE91386
PE91386 REV 1.0
Low PIM 4.3-10 Female to 4.3-10 Female Adapter
PE91386
RF Adapters Technical Data Sheet


Similar Part No. - PE91386

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE91380 PASTERNACK-PE91380 Datasheet
364Kb / 4P
SMA Female to SSMC Plug Adapter
PE91381 PASTERNACK-PE91381 Datasheet
347Kb / 3P
TNC Tee Adapter Female-Female-Female
PE91385 PASTERNACK-PE91385 Datasheet
358Kb / 4P
Low PIM 4.3-10 Male to 4.3-10 Male Adapter
More results

Similar Description - PE91386

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91385 PASTERNACK-PE91385 Datasheet
358Kb / 4P
Low PIM 4.3-10 Male to 4.3-10 Male Adapter
PE91387 PASTERNACK-PE91387 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to 4.3-10 Female Adapter
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to N Female Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE3C5833 PASTERNACK-PE3C5833 Datasheet
522Kb / 6P
Plenum 4.3-10 Male to 4.3-10 Female Low PIM Cable
PE3C5838 PASTERNACK-PE3C5838 Datasheet
521Kb / 6P
Plenum 4.3-10 Female to QMA Male Low PIM Cable
PE3C5859 PASTERNACK-PE3C5859 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Female Low PIM Cable
PE3C5878 PASTERNACK-PE3C5878 Datasheet
668Kb / 6P
Plenum 4.3-10 Male to SMA Female Low PIM Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com