Electronic Components Datasheet Search
  English  ▼

X  

ACM12 Datasheet(PDF) 1 Page - XP Power Limited

Part # ACM12
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ACM12 Datasheet(HTML) 1 Page - XP Power Limited

  ACM12 Datasheet HTML 1Page - XP Power Limited ACM12 Datasheet HTML 2Page - XP Power Limited ACM12 Datasheet HTML 3Page - XP Power Limited ACM12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACM12 Series
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
24
V
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
4s
Start Up Rise Time
120
ms
Hold Up Time
10
ms
Full load and 100 VAC
Total Regulation
5%
See Models and Ratings table
Transient Response
4
% deviation
Recovery within <1% within 500 µs for a 60% step load
change at 0.15 A/µs
Ripple & Noise
150
mV pk-pk
Measured with 20 MHz bandwidth and 10 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, trip and restart (hiccup mode) with auto recovery
Temperature Coefficient
0.05
%/ ˚C
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Model number is for body only. AC input plugs must be ordered separately, see
AC input plug section.
2. Other output voltages available, contact sales for details.
3. Total regulation includes initial set accuracy, line and load regulation.
4. Typical average value measured at 25%, 50%, 75% and 100% at 115 VAC.
5. For white case version add suffix ‘-W’ e.g. ACM12US12-W. MOQ applies,
contact sales for details.
Dimensions:
ACM (body only):
2.99 x 1.19 x 1.9” (76.0 x 30.3 x 48.2 mm)
12 Watt
Output Power
Output Voltage
Output Current
Total Regulation(3)
Efficiency(4)
Model Number(1,2,5)
10 W
5.0 V
2000 mA
5%
80.6%
ACM12US05
12 W
9.0 V
1330 mA
5%
84.2%
ACM12US09
12.0 V
1000 mA
5%
85.2%
ACM12US12
15.0 V
800 mA
5%
85.2%
ACM12US15
18.0 V
666 mA
5%
84.7%
ACM12US18
24.0 V
500 mA
5%
85.7%
ACM12US24
• Energy Efficiency Level VI
• European CoC Tier 2
• Medical and ITE Approvals
• Interchangeable Mains Connectors
• Optional White Versions
• Output Voltages from 5 V to 24 V
• Class II Construction
• 3 Years Warranty
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.5
A
230 VAC
Inrush Current
70
A
240 VAC, cold start at 25 °C
Power Factor
EN61000-3-2, class A
No Load Input Power
75
mW
Input Protection
Internal fuse in line
The ACM12 series of wall plug adaptors comply with the latest energy efficiency level VI standards
with high active mode efficiency and extremely low no load power consumption. Available with a
standard jack plug connector these adaptors suit a wide variety of cost sensitive industrial and
medical applications while maintaining industry leading performance.


Similar Part No. - ACM12

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
ACM1202K-FL-YBH-01 ZETTLER-ACM1202K-FL-YBH-01 Datasheet
841Kb / 11P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
TDK Electronics
ACM1211 TDK-ACM1211 Datasheet
172Kb / 8P
Common Mode Filters For power line ACM series
ACM1211 TDK-ACM1211 Datasheet
91Kb / 3P
Common Mode Filters(SMD)
ACM1211 TDK-ACM1211 Datasheet
103Kb / 7P
Common Mode Filters For power line
ACM1211 TDK-ACM1211 Datasheet
74Kb / 3P
Common Mode Choke Coils for DC Power Line SMD
More results

Similar Description - ACM12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com