Electronic Components Datasheet Search
  English  ▼

X  

CLMUC-FKA Datasheet(PDF) 2 Page - Cree, Inc

Part # CLMUC-FKA
Description  PLCC4 3 in 1 RGB SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMUC-FKA Datasheet(HTML) 2 Page - Cree, Inc

  CLMUC-FKA Datasheet HTML 1Page - Cree, Inc CLMUC-FKA Datasheet HTML 2Page - Cree, Inc CLMUC-FKA Datasheet HTML 3Page - Cree, Inc CLMUC-FKA Datasheet HTML 4Page - Cree, Inc CLMUC-FKA Datasheet HTML 5Page - Cree, Inc CLMUC-FKA Datasheet HTML 6Page - Cree, Inc CLMUC-FKA Datasheet HTML 7Page - Cree, Inc CLMUC-FKA Datasheet HTML 8Page - Cree, Inc CLMUC-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC4 3 in 1 SMD RGB LED
CLMUC-FKA
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
B
Dominant Wavelength
I
F = 5 mA
λ
DOM
619~624
520~535
460~475
nm
Spectral bandwidth at 50% I
REL max
I
F = 5 mA
Δ λ
24
38
28
nm
Forward Voltage
I
F = 5 mA
V
F(avg)
1.9
3.0
3.0
V
V
F(max)
2.4
3.7
3.7
V
Luminous Intensity
I
F = 5 mA
I
V(min)
36
112
18
mcd
I
V(avg)
55
170
28
mcd
Luminous Intensity(Reference)
I
F = 20/10/10 mA
I
V(avg)
215
260
45
mcd
Reverse Current (max)
V
R = 5 V
I
R
10
10
10
μA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
B
Forward Current Note 1
I
F
25
13
13
mA
Peak Forward Current Note 2
I
FP
70
50
50
mA
Reverse Voltage
V
R
5
5
5
V
Power Dissipation
P
D
60
49
49
mW
Operation Temperature
T
opr
-40 ~ +85
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
110
110
°C
Junction/ambient 1 chip on
R
THJA
460
560
540
°C/W
Junction/solder point 1 chip on
R
THJS
220
310
300
°C/W
Note: 1.Single-color light.
2.Pulse width ≤0.1 msec, duty ≤1/10.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com