Electronic Components Datasheet Search
  English  ▼

X  

0322 Datasheet(PDF) 3 Page - Lumberg

Part # 0322
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0322 Datasheet(HTML) 3 Page - Lumberg

  0322 Datasheet HTML 1Page - Lumberg 0322 Datasheet HTML 2Page - Lumberg 0322 Datasheet HTML 3Page - Lumberg 0322 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 0315
01/2018
3
0315 06
0315 07
0315 03
0315 04
0315 05
0315 12
0315 14
*a
nut enclosed separately
*b
cup-shaped solder terminal
*c
mounting direction
*d
contact pin
Ø 1.5 mm (0315 03–0315 08-1)
Ø 1.0 mm (0315 12–0315 14)
*e
O-ring gasket
*f
port in mounting plate
*g
anti-rotation, alternative execution
Associated products
Counterparts
�
0321
�
0322
�
0322-1
�
032200
�
0360
�
036000
Accessories
�
0383
�
038399
�
0384
�
0385
�
038899
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com