Electronic Components Datasheet Search
  English  ▼

X  

PE91392 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91392
Description  TNC Female to 7/16 DIN Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91392 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91392 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91392 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91392 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector 1
• 7/16 DIN Female Connector 2
• 50 Ohm
• Straight Body Geometry
Features
• Gold Plated Beryllium Copper Contact
Applications
• Allows Connection Between Series
• General Purpose Test
.
Description
Pasternack’s PE91392 TNC female to 7/16 DIN female adapter is part of our full line of RF components available for same-
day shipping. Our TNC to 7/16 DIN adapter has a female to female gender configuration. PE91392 TNC female to 7/16 DIN
female adapter operates to 7.5 GHz.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
50,000
MOhms
. .
Mechanical Specifications
Size
Length
2.08 in [52.83 mm]
Width
1.15 in [29.21 mm]
Weight
0.204 lbs [92.53 g]
.
Description
Connector 1
Connector 2
Type
TNC Female
7/16 DIN Female
Polarity
Standard
Standard
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to 7/16 DIN Female Adapter PE91392
PE91392 REV 1.0
TNC Female to 7/16 DIN Female Adapter
PE91392
RF Adapters Technical Data Sheet


Similar Part No. - PE91392

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
Slide-On BMA Plug to SMA Male Adapter
More results

Similar Description - PE91392

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9180 PASTERNACK-PE9180 Datasheet
256Kb / 3P
N Female to 7/16 DIN Female Adapter
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE9556 PASTERNACK-PE9556 Datasheet
249Kb / 3P
7/16 DIN Tee Adapter Female-Female-Female
PE91116 PASTERNACK-PE91116 Datasheet
358Kb / 3P
TNC Female to 7 - 16 DIN Male Adapter
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91229 PASTERNACK-PE91229 Datasheet
372Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com