Electronic Components Datasheet Search
  English  ▼

X  

PE91397 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91397
Description  Slide-On BMA Jack to SMA Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91397 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91397 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91397 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91397 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91397 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Jack Connector 1
• SMA Male Connector 2
• 50 Ohm
• Straight Body Geometry
Features
• Max VSWR of 1.25:1 up to 18 GHz
• 51.18µ in. minimum contact plating
• Gold Plated Beryllium Copper Contact
• Low-Engagement Force
Applications
• Allows Connection Between Series
• General Purpose Test
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE91397 slide-on BMA jack to SMA male adapter is part of our full line of RF components available for same-
day shipping. Our BMA to SMA adapter has a jack to male gender configuration built of durable stainless steel. PE91397 BMA
jack to SMA male adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
. .
Mechanical Specifications
Size
Length
0.7 in [17.78 mm]
Width
0.315 in [8 mm]
Weight
0.013 lbs [5.9 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Slide-On BMA Jack to SMA Male Adapter PE91397
PE91397 REV 1.0
Slide-On BMA Jack to SMA Male Adapter
PE91397
RF Adapters Technical Data Sheet


Similar Part No. - PE91397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
More results

Similar Description - PE91397

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD251-360-0001P WINCHESTER-SD251-360-0001P Datasheet
127Kb / 1P
SMA JACK TO BMA BULKHEAD PLUG ADAPTER
logo
Molex Electronics Ltd.
0732512130 MOLEX11-0732512130 Datasheet
29Kb / 1P
50 Ohms, SMA Jack to SMA Plug slide on Adapter
logo
Pasternack Enterprises,...
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
Slide-On BMA Plug to SMA Male Adapter
PE91398 PASTERNACK-PE91398 Datasheet
361Kb / 4P
Slide-On BMA Plug to SMA Female Adapter
PE91399 PASTERNACK-PE91399 Datasheet
370Kb / 4P
2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
logo
Molex Electronics Ltd.
0732512130 MOLEX-0732512130_V01 Datasheet
30Kb / 1P
50 Ohms, SMA Jack to SMA Plug slide on Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com