Electronic Components Datasheet Search
  English  ▼

X  

032104 Datasheet(PDF) 2 Page - Lumberg

Part # 032104
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

032104 Datasheet(HTML) 2 Page - Lumberg

  032104 Datasheet HTML 1Page - Lumberg 032104 Datasheet HTML 2Page - Lumberg 032104 Datasheet HTML 3Page - Lumberg 032104 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 0321
01/2018
2
Kupplung
socket
0321
Montageschlüssel
wrench
0380
Stecker
plug
0331
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA GF, V-0 according to UL94
Contact bush
CuZn, silver-plated and flash gold-
plated (3-8 poles)
CuZn, pre-nickel and gold-
plated (12-14 poles)
Housing
CuZn, nickel-plated
Knurled nut
CuZn, nickel-plated
Seal
NBR
Mechanical data
Insertion force/contact
≤ 5.0 N 1
Withdrawal force/contact
≥ 1.2 N (3-8 poles)
≥ 0.9 N (12-14 poles) 1
Protection class
IP68 2
1
measured with a polished steel pin, nominal thickness 1.5 mm (1.0 mm with 12-14 poles)
2
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart; IPX8
requirements under agreement between manufacturer and user
Connectable conductors for solder area
Section
≤ 0.75 mm² (AWG 20)
(3-8 poles)
≤ 0.25 mm² (AWG 24)
(12-14 poles)
Cable diameter
4–8 mm
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
5 A (Tamb 40 °C, 3-8 poles)
3 A (Tamb 40 °C, 12-14 poles)
Rated voltage
250 V (versions 03, 04, 05-1, 06, 07)
60 V (versions 05, 07-1, 08, 08-1, 12,
14)
Rated impulse voltage
2000 V (versions 03, 04, 05-1, 06,
07)
1000 V (versions 05, 07-1, 08, 08-1,
12, 14)
Insulation resistance
> 100 MΩ
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com