Electronic Components Datasheet Search
  English  ▼

X  

PE91432 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91432
Description  SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91432 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91432 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91432 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91432 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91432 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SSMC Jack Connector 1
• SSMC Jack Connector 2
• 50 Ohm
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Max VSWR of 1.25:1 up to 4 GHz
• SSMC interface compliant with MIL-C-39012
• Contact plating according to MIL-G-45204
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE91432 SSMC jack to SSMC jack bulkhead adapter is part of our full line of RF components available for
same-day shipping. Our SSMC to SSMC adapter has a jack to jack gender configuration. PE91432 SSMC jack to SSMC
jack adapter operates to 4 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum. This RF SSMC to
SSMC bulkhead adapter allows designers to create external connections on their product enclosures, and can be used in a
variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.25:1
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
0.623 in [15.82 mm]
Width
0.156 in [3.96 mm]
Weight
0.0065 lbs [2.95 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack to SSMC Jack Bulkhead Mount Adapter PE91432
PE91432 REV 1.0
SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PE91432
RF Adapters Technical Data Sheet


Similar Part No. - PE91432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE91433 PASTERNACK-PE91433 Datasheet
492Kb / 4P
SMA Female to SSMC Jack Adapter
PE91434 PASTERNACK-PE91434 Datasheet
437Kb / 4P
SSMC Plug to SSMC Jack Adapter
PE91436 PASTERNACK-PE91436 Datasheet
442Kb / 4P
SSMC Plug to SSMC Plug Adapter
More results

Similar Description - PE91432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91433 PASTERNACK-PE91433 Datasheet
492Kb / 4P
SMA Female to SSMC Jack Adapter
PE91434 PASTERNACK-PE91434 Datasheet
437Kb / 4P
SSMC Plug to SSMC Jack Adapter
PE3C4390 PASTERNACK-PE3C4390 Datasheet
465Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using RG178 Coax
PE3C4390-6 PASTERNACK-PE3C4390-6 Datasheet
462Kb / 4P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C4390-12 PASTERNACK-PE3C4390-12 Datasheet
461Kb / 4P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C4390-24 PASTERNACK-PE3C4390-24 Datasheet
461Kb / 4P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C4390-48 PASTERNACK-PE3C4390-48 Datasheet
461Kb / 4P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 48 Inch Length Using RG178 Coax
PE3C4390-72 PASTERNACK-PE3C4390-72 Datasheet
461Kb / 4P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 72 Inch Length Using RG178 Coax
PE3C4443 PASTERNACK-PE3C4443 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
PE3C4443-60 PASTERNACK-PE3C4443-60 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 60 Inch Length Using PE-SR405FLJ Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com