Electronic Components Datasheet Search
  English  ▼

X  

PE91433 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91433
Description  SMA Female to SSMC Jack Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91433 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91433 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91433 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91433 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91433 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Female Connector 1
• SSMC Jack Connector 2
• 50 Ohm
• Straight Body Geometry
Features
• Max VSWR of 1.25:1 up to 3 GHz
• SMA interface compliant with MIL-STD-348
• SSMC interface compliant with MIL-C-39012
• Contact plating according to MIL-G-45204
• Gold Plated Beryllium Copper Contact
Applications
• Allows Connection Between Series
• General Purpose Test
.
Description
Pasternack’s PE91433 SMA female to SSMC jack adapter is part of our full line of RF components available for same-day
shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our SMA
to SSMC adapter has a female to jack gender configuration. PE91433 SMA female to SSMC jack adapter operates to 3 GHz.
The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.25:1
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
0.74 in [18.8 mm]
Width
0.25 in [6.35 mm]
Weight
0.008 lbs [3.63 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SSMC Jack Adapter PE91433
PE91433 REV 1.0
SMA Female to SSMC Jack Adapter
PE91433
RF Adapters Technical Data Sheet


Similar Part No. - PE91433

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE91432 PASTERNACK-PE91432 Datasheet
445Kb / 4P
SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PE91434 PASTERNACK-PE91434 Datasheet
437Kb / 4P
SSMC Plug to SSMC Jack Adapter
PE91436 PASTERNACK-PE91436 Datasheet
442Kb / 4P
SSMC Plug to SSMC Plug Adapter
More results

Similar Description - PE91433

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE9147 PASTERNACK-PE9147 Datasheet
245Kb / 2P
SMA Female to SMC Jack Adapter
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
PE91380 PASTERNACK-PE91380 Datasheet
364Kb / 4P
SMA Female to SSMC Plug Adapter
PE91432 PASTERNACK-PE91432 Datasheet
445Kb / 4P
SSMC Jack to SSMC Jack Bulkhead Mount Adapter
PE91434 PASTERNACK-PE91434 Datasheet
437Kb / 4P
SSMC Plug to SSMC Jack Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-G LINX-ADP-SMAF-SMAF-G Datasheet
299Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com